Electronic Components Datasheet Search
  English  ▼

X  

SSF212 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SSF212
Description  compact external fitting with npt taper thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SSF212 Datasheet(HTML) 1 Page - Cynergy3 Co

  SSF212 Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2013 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
SSF212 Series
Compact external fitting via ½” NPT thread
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The SSF212 series are horizontally
mounted switches that are fitted via a
½”NPT thread from the outside of the tank,
so does not require access to the inside of
the tank.
These are manufactured in SS 304 & 316
and will work in liquids of SG 0.8
minimum.
The switch action may be reversed by
mounting the device with the orientation
arrow pointing downwards, instead of the
normal upwards direction.
These are available with either 100cm
flying lead, DIN 43650 plug & socket or
M12 round connection.
Cable sets are available for use with M12
connection versions.
Mechanical Dimensions
Compact switch design
User configurable N/O (make on rise) or N/C (make on fall)
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
External fitting via 1/2”NPT thread
SS 316 float
High Temperature version available (180ºC)
T
echnical Specification
Mounting style
EXternal
Cable length - standard
100cm or plug
Mounting thread
1/2”NPT
Cable size
17/0.10 - AWG22
Float & Stem material
316 & 304grade SS
Cable conductor material
Tinned copper
Maximum Temperature
120ºC (
180ºC )
Cable sheath material
XLPE
Maximum pressure
5 bar
Cable temperature rating
125ºC
Float SG
0.7
Sealing gasket
Not supplied
Minimum fluid SG
0.8
Tightening torque for fixing nut 2.0kg/cm
Electrical Specification
Contact Form
N/O (N/C)
Switching Power Max
VA
50
Switching Voltage AC Max V
300
Switching Voltage DC Max V
300
Switching Current Max
A
0.5
All ratings are for resistive load only.
Standard Parts
Float Material
Stem Material
Max Power
Leadouts
SSF212X100
SS 316
SS 304
50VA
100cm XLPE 17/0.1
SSF212X100H
SS 316
SS 304
50VA
100cm XLPE 17/0.1
SSF212XPL
SS 316
SS 304
50VA
Plug & Socket
SSF212XPM12
SS316
SS304
50VA
M12 socket (Ip67)
H version
SSF212XPL
SSF212XPM12
10mm
10mm
(0.4”)
(0.4”)
max.
max.
T
T
ank
ank
wall
wall
ON
ON
15°
15°
NPT
NPT
½”
½”
15mm
(0.6”)
33.5mm
(1.3”)
34mm
34mm
(1.34”)
(1.34”)
2-pole
Plug/socket
13
13
A/F
A/F
Cable
Cable
Gland
Gland
6mm
6mm
max.
max.
17mm
17mm
(0.7”)
(0.7”)
47mm
47mm
(1.85”)
(1.85”)
19.5mm
19.5mm
(0.77”)
(0.77”)
2mm
2mm
(0.08”)
(0.08”)
8.5mm
8.5mm
(0.3”)
(0.3”)
17mm
17mm
(0.67”)
(0.67”)
8mm
8mm
(0.3”)
(0.3”)
ON
15°
17mm (0.7”)
½” NPT
47mm
(1.85”)
2mm (0.08”)
19.5mm
(0.77”)
8.5mm
(0.3”)
10mm (0.4”) max.
Tank wall
SSF212X100
100cm
(39.4”)
8mm (0.3”)
17mm
(0.67”)
M12
Receptacle
4
3
1
2
Plug connections


Similar Part No. - SSF212

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2122E SILIKRON-SSF2122E Datasheet
547Kb / 9P
Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E Datasheet
1Mb / 8P
20V Dual N-Channel MOSFET
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
20V Dual N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3 Datasheet
739Kb / 6P
20V Dual P-Channel MOSFET
More results

Similar Description - SSF212

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF40 CYNERGY3-RSF40 Datasheet
369Kb / 1P
compact internal fitting
RSF70 CYNERGY3-RSF70 Datasheet
453Kb / 1P
compact external fitting with compression seal
RSF80 CYNERGY3-RSF80 Datasheet
382Kb / 1P
compact external mount with taper thread
TSF40 CYNERGY3-TSF40 Datasheet
68Kb / 1P
Compact internal fitting with integral thermistor output
RSF150 CYNERGY3-RSF150 Datasheet
59Kb / 1P
Compact internal fitting vertical
SSF217 CYNERGY3-SSF217 Datasheet
54Kb / 1P
Compact external fitting float switch via BSP thread
SSF212X100-14G CYNERGY3-SSF212X100-14G Datasheet
329Kb / 1P
Compact Horizontal Stainless Steel Floatswitch NPT External Fitting
SSH66XE CYNERGY3-SSH66XE Datasheet
953Kb / 1P
Switch for 3/4 NPT External Fitting
LLF70 CYNERGY3-LLF70 Datasheet
95Kb / 2P
Compact, External Fitting, Low Level, Low S.G. Float Switch
logo
RAF ELECTRONIC HARDWARE
8432-1032-SS RAF-8432-1032-SS Datasheet
135Kb / 1P
ROUND EXTERNAL THREAD HANDLE WITH SHOULDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com