Electronic Components Datasheet Search
  English  ▼

X  

KSC815 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KSC815
Description  NPN Plastic-Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KSC815 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KSC815_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KSC815
0.2A , 60V
NPN Plastic-Encapsulated Transistor
Elektronische Bauelemente
26-Dec-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Collector Current
Complementary To KSA539
Low Frequency Amplifier & High Frequency Oscillator
CLASSIFICATION OF hFE
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
200
mA
Collector Power Dissipation
PC
400
mW
Thermal Resistance From Junction To Ambient
RθJA
312
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
45
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=0.01mA, IC=0
Collector Cut – Off Current
ICBO
-
-
0.1
µ
A
VCB=45V, IE=0
Emitter Cut – Off Current
IEBO
-
-
0.1
µ
A
VEB=3V, IC=0
DC Current Gain
hFE
40
-
400
VCE=1V, IC=50mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=150mA, IB=15mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1.1
V
IC=150mA, IB=15mA
Base to Emitter Voltage
VBE
0.6
-
0.9
V
VCE=10V, IC=10mA
Collector Output Capacitance
Cob
-
4
-
pF
VCB=10V, IE=0, f=1MHz
Transition Frequency
fT
100
-
-
MHz
VCE=10V, IC=10mA
Product-Rank
KSC815-R
KSC815-O
KSC815-Y
KSC815-G
Range
40~80
70~140
120~240
200~400
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76
1
1
1
1Emitter
2
2
2
2Base
3
3
3
3Collector
TO-92
2
Base
1
Emitter
Collector
3


Similar Part No. - KSC815_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KSC815-G SECOS-KSC815-G Datasheet
70Kb / 1P
NPN Plastic-Encapsulated Transistor
KSC815-O SECOS-KSC815-O Datasheet
70Kb / 1P
NPN Plastic-Encapsulated Transistor
KSC815-R SECOS-KSC815-R Datasheet
70Kb / 1P
NPN Plastic-Encapsulated Transistor
KSC815-Y SECOS-KSC815-Y Datasheet
70Kb / 1P
NPN Plastic-Encapsulated Transistor
logo
Fairchild Semiconductor
KSC815COBU FAIRCHILD-KSC815COBU Datasheet
38Kb / 4P
Low Frequency Amplifier & High Frequency Oscillator
More results

Similar Description - KSC815_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com