| Electronic Components Datasheet Search |
|
DAC8412EP Datasheet(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8412EP Datasheet(HTML) 5 Page - Analog Devices |
|
5 / 20 page ![]() Data Sheet DAC8412/DAC8413 Rev. G | Page 5 of 20 Parameter Symbol Conditions Min Typ Max Units Write Data Setup tWDS tWCS = 150 ns 20 ns Write Data Hold tWDH tWCS = 150 ns 0 ns Load Data Pulse Width tLDW 180 ns Reset Pulse Width tRESET 150 ns Chip Select Read Pulse Width tRCS 170 ns Read Data Hold tRDH tRCS = 170 ns 20 ns Read Data Setup tRDS tRCS = 170 ns 0 ns Data to High-Z tDZ CL = 10 pF 200 ns Chip Select to Data tCSD CL = 100 pF 320 ns SUPPLY CHARACTERISTICS Power Supply Sensitivity PSS 100 ppm/V Positive Supply Current IDD 7 12 mA Negative Supply Current ISS VSS = −5.0 V −10 mA Power Dissipation PDISS VSS = 0 V 60 mW VSS = −5.0 V 110 mW 1 All supplies can be varied ±5%, and operation is guaranteed. Device is tested with VDD = 4.75 V. 2 For single-supply operation only (VREFL = 0.0 V, VSS = 0.0 V). Due to internal offset errors, INL and DNL are measured beginning at 0x005. 3 Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed. 4 All parameters are guaranteed by design. 5 All input control signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. CS A0/A1 tRDS tRCS tRDH tAS tAH tDZ tCSD R/W DATA OUT DATA VALID HIGH-Z HIGH-Z Figure 3. Data Output (Read Timing) A0/A1 RESET LDAC tWCS R/W CS DATA IN tWS tWH tAS tAH tLS tLH tWDH tWDS tLDW tRESET Figure 4. Data Write (Input and Output Registers) Timing |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |