Electronic Components Datasheet Search
  English  ▼

X  

DAC8413EP Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8413EP
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8413EP Datasheet(HTML) 3 Page - Analog Devices

  DAC8413EP Datasheet HTML 1Page - Analog Devices DAC8413EP Datasheet HTML 2Page - Analog Devices DAC8413EP Datasheet HTML 3Page - Analog Devices DAC8413EP Datasheet HTML 4Page - Analog Devices DAC8413EP Datasheet HTML 5Page - Analog Devices DAC8413EP Datasheet HTML 6Page - Analog Devices DAC8413EP Datasheet HTML 7Page - Analog Devices DAC8413EP Datasheet HTML 8Page - Analog Devices DAC8413EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
DAC8412/DAC8413
Rev. G | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = +15.0 V, VSS = −15.0 V, VLOGIC = +5.0 V, VREFH = +10.0 V, VREFL = −10.0 V,−40°C ≤ TA ≤ +85°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ACCURACY
Integral Nonlinearity Error
INL
E grade
±0.25
±0.5
LSB
F grade
±1
LSB
Differential Nonlinearity Error
DNL
Monotonic over temperature
−1
LSB
Min-Scale Error
VZSE
RL = 2 kΩ
±2
LSB
Full-Scale Error
VFSE
RL = 2 kΩ
±2
LSB
Min-Scale Temperature Coefficient
TCVZSE
RL = 2 kΩ
15
ppm/°C
Full-Scale Temperature Coefficient
TCVFSE
RL = 2 kΩ
20
ppm/°C
Linearity Matching
Adjacent DAC Matching
±1
LSB
REFERENCE
Positive Reference Input Voltage Range2
VREFL + 2.5
VDD − 2.5
V
Negative Reference Input Voltage Range2
−10
VREFH − 2.5
V
Reference High Input Current
IREFH
−2.75
+1.5
+2.75
mA
Reference Low Input Current
IREFL
−2.75
−2
0
mA
Large Signal Bandwidth
BW
−3 dB, VREFH = 0 V to 10 V p-p
160
kHz
AMPLIFIER CHARACTERISTICS
Output Current
IOUT
RL = 2 kΩ, CL = 100 pF
–5
+5
mA
Settling Time
tS
To 0.01%, 10 V step, RL = 1 kΩ
10
μs
Slew Rate
SR
10% to 90%
2.2
V/μs
Analog Crosstalk
72
dB
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
TA = 25°C
2.4
V
Logic Input Low Voltage
VINL
TA = 25°C
0.8
V
Logic Output High Voltage
VOH
IOH = 0.4 mA
2.4
V
Logic Output Low Voltage
VOL
IOL = −1.6 mA
0.4
V
Logic Input Current
IIN
1
μA
Input Capacitance
CIN
8
pF
Digital Feedthrough3
VREFH = 2.5 V, VREFL = 0 V
5
nV-sec
LOGIC TIMING CHARACTERISTICS3, 4
Chip Select Write Pulse Width
tWCS
80
ns
Write Setup
tWS
tWCS = 80 ns
0
ns
Write Hold
tWH
tWCS = 80 ns
0
ns
Address Setup
tAS
0
ns
Address Hold
tAH
0
ns
Load Setup
tLS
70
ns
Load Hold
tLH
30
ns
Write Data Setup
tWDS
tWCS = 80 ns
20
ns
Write Data Hold
tWDH
tWCS = 80 ns
0
ns
Load Data Pulse Width
tLDW
170
ns
Reset Pulse Width
tRESET
140
ns
Chip Select Read Pulse Width
tRCS
130
ns
Read Data Hold
tRDH
tRCS = 130 ns
0
ns
Read Data Setup
tRDS
tRCS = 130 ns
0
ns
Data to High-Z
tDZ
CL = 10 pF
200
ns
Chip Select to Data
tCSD
CL = 100 pF
160
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com