Electronic Components Datasheet Search
  English  ▼

X  

DAC8413EPZ Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8413EPZ
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8413EPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8413EPZ Datasheet HTML 4Page - Analog Devices DAC8413EPZ Datasheet HTML 5Page - Analog Devices DAC8413EPZ Datasheet HTML 6Page - Analog Devices DAC8413EPZ Datasheet HTML 7Page - Analog Devices DAC8413EPZ Datasheet HTML 8Page - Analog Devices DAC8413EPZ Datasheet HTML 9Page - Analog Devices DAC8413EPZ Datasheet HTML 10Page - Analog Devices DAC8413EPZ Datasheet HTML 11Page - Analog Devices DAC8413EPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DAC8412/DAC8413
Data Sheet
Rev. G | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREFH 1
VOUTB 2
VOUTA 3
VSS 4
VREFL
28
VOUTC
27
VOUTD
26
VDD
25
DGND
5
RESET
6
LDAC
7
VLOGIC
24
CS
23
A0
22
DB0 (LSB)
8
A1
21
DB1
9
R/W
20
DB2 10
DB11 (MSB)
19
DB3 11
DB10
18
DB4 12
DB9
17
DB5 13
DB8
16
DB6 14
DB7
15
DAC8412/
DAC8413
TOP VIEW
(Not to Scale)
128
27
26
2
3
4
5
6
7
8
9
10
11
25
24
23
22
21
20
19
DGND
RESET
LDAC
DB0 (LSB)
DB1
DB2
DB3
VDD
VLOGIC
CS
A0
A1
R/W
DB11 (MSB)
PIN 1
INDENTFIER
12
13
14
15
16
17
18
DAC8412/
DAC8413
TOP VIEW
(Not to Scale)
DAC8412/
DAC8413
TOP VIEW
(Not to Scale)
5
DGND
6
RESET
7
LDAC
8
DB0 (LSB)
9
DB1
10
DB2
11
DB3
25
VDD
24
VLOGIC
23
CS
22
A0
21
A1
20
R/W
19
DB11 (MSB)
26
27
28
1
2
3
4
18
17
16
15
14
13
12
Figure 7. PDIP/CERDIP
Figure 8. PLCC
Figure 9. LCC
Table 5. Pin Function Descriptions
Pin Number
Mnemonic
Description
1
VREFH
High-Side DAC Reference Input.
2
VOUTB
DAC B Output.
3
VOUTA
DAC A Output.
4
VSS
Lower Rail Power Supply.
5
DGND
Digital Ground.
6
RESET
Reset Input and Output Registers to all 0s, Enabled at Active Low.
7
LDAC
Load Data to DAC, Enabled at Active Low.
8
DB0
Data Bit 0, LSB.
9
DB1
Data Bit 1.
10
DB2
Data Bit 2.
11
DB3
Data Bit 3.
12
DB4
Data Bit 4.
13
DB5
Data Bit 5.
14
DB6
Data Bit 6.
15
DB7
Data Bit 7.
16
DB8
Data Bit 8.
17
DB9
Data Bit 9.
18
DB10
Data Bit 10.
19
DB11
Data Bit 11, MSB.
20
R/W
Active Low to Write Data to DAC. Active high to readback previous data at data bit pins with VLOGIC connected to 5 V.
21
A1
Address Bit 1.
22
A0
Address Bit 0.
23
CS
Chip Select, Enabled at Active Low.
24
VLOGIC
Voltage Supply for Readback Function. Can be open circuit if not used.
25
VDD
Upper Rail Power Supply.
26
VOUTD
DAC D Output.
27
VOUTC
DAC C Output.
28
VREFL
Low-Side DAC Reference Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com