Electronic Components Datasheet Search
  English  ▼

X  

LL4148 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # LL4148
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

LL4148 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  LL4148_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH LL4148_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
LL4148
Surface Mount Switching Diode
01-Dec-2007 Rev. D
Page 1 of 2
A
B
C
Dimensions in mm
MINI MELF
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Designed for mounting on small surface
High speed
High mounting capability, strong surge withstand & high reliability
MECHANICAL DATA
Items
Materials
Package
Mini MELF
Case
Hermetically sealed glass
Lead Finish
Solder Plating
Packaging Dimensions (mm)
Symbol
Min
Max
A
3.202
3.505
B
1.397
1.499
C
0.350
0.500
Polarity: Indicated by Cathode band
Mounting Position: Any
ABSOLUTE MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
ti
n
U
.
x
a
M
.
p
y
T
.
n
i
M
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
it
it
e
p
e
R
RM
-
-
100
V
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
s
u
o
u
n
it
n
o
C
R
-
-
75
V
I
t
n
e
r
r
u
C
g
n
i
y
fi
t
c
e
R
n
a
e
M
O
-
-
150
mA
Forward Surge Current
1 sec. single half sine-wave superimposed on rate load (JEDEC method)
IFSM
-
500
-
mA
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
D
-
-
500
mW
R
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
JA
-
-
350
℃
/ W
T
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
J
℃
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-65
-
+175
℃
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol Min. Typ. Max. Unit
Test Conditions
V
e
g
a
tl
o
V
d
r
a
w
r
o
F
F
-
0.93
1.00
V
IF = 10 mA DC
I
t
n
e
r
r
u
C
e
s
r
e
v
e
R
R
-
0.02
5
uA
VR = 75 V
Capacitance Between Terminals
CT
-
-
4
pF
f = 1MHz and applied 0 V DC reverse voltage
Reverse Recovery Time
TRR
-
-
4
nS
VR = 6V, IF = 10 mA, RL = 50Ω
Note: Wave soldering technique not advised, a small amount of liability issues may occur.
-65
-
+150


Similar Part No. - LL4148_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_15 Datasheet
238Kb / 4P
High Speed SMD Switching Diode
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_15 Datasheet
82Kb / 5P
Small Signal Fast Switching Diodes
31-Jul-12
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148_15 Datasheet
124Kb / 2P
Switching Diodes
logo
Diotec Semiconductor
LL4148 DIOTEC-LL4148_15 Datasheet
135Kb / 2P
Small Signal SMD Switching Diodes
More results

Similar Description - LL4148_15

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com