Electronic Components Datasheet Search
  English  ▼

X  

LL4151 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # LL4151
Description  Hermetically Sealed Glass Fast Switching Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

LL4151 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  LL4151_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LL4151
0.5W , 75V
Hermetically Sealed Glass Fast Switching Diodes
Elektronische Bauelemente
21-Jul-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
B
A
C
C
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast switching device (TRR<4.0ns)
Surface device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion resistant and
terminals are readily solderable
Matte tin (Sn) terminal finish
Color band indicates negative polarity
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-80
2.5K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Power dissipation
PD
500
mW
Operating Junction and storage temperature range
TJ,TSTG
150, -65~150
°C
Working Inverse Voltage
WIV
75
V
Maximum Average Forward Rectified Current
IF(AV)
150
mA
Peak forward Continuous current
IFM
450
mA
Peak Forward Surge Current(Pulse Width = 1.0 µsecond)
IFSURGE
2
A
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
75
-
-
V
IR=5µA
Forward Voltage
VF
-
-
1
V
IF=50mA
Reverse Voltage Leakage Current
IR
-
-
0.05
µA
VR=50V
Total Capacitance
CT
-
-
2
pF
VR=0 , f=1MHz
Reverse Recovery Time
TRR
-
-
4
nS
IF=IR=10mA,
IRR=1mA, RL=100
SOD-80
REF.
Millimeter
Min.
Max.
A
3.30
3.60
B
1.40
1.50
C
0.35
0.50


Similar Part No. - LL4151_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4151 VISHAY-LL4151_12 Datasheet
59Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
More results

Similar Description - LL4151_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4448 TSC-LL4448 Datasheet
44Kb / 1P
500mW Hermetically Sealed Glass Fast Switching Diodes
LL914B TSC-LL914B Datasheet
69Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4148 SECOS-LS4148_11 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4148 SECOS-LS4148_15 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Guangdong Juxing Electr...
LL4148 JUXING-LL4148 Datasheet
548Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com