Electronic Components Datasheet Search
  English  ▼

X  

RNA51955AFPH0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RNA51955AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51955AFPH0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RNA51955AFPH0 Datasheet HTML 2Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 9Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RNA51955A, B
Preliminary
R03DS0004EJ0300 Rev.3.00
Page 6 of 11
Jun 19, 2012
0.3
0
02
1
3456
0.1
0.2
VCC = 5 V
VCC = 4 V
VCC = 15 V
VCC = 10 V
0
0
4
8
12
16
–10
–20
–30
–40
0
048
12
16
200
400
600
800
Ta = –40°C
Ta = 25°C
Ta = 85°C
Supply Voltage VCC (V)
Output Load Current vs. Output Voltage
(RNA51955A)
Output Voltage VO (V)
Circuit Current vs. Supply Voltage
(RNA51955B)
Output Sink Current Isink (mA)
Output Saturation Voltage vs. Output Sink Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com