Electronic Components Datasheet Search
  English  ▼

X  

RNA51953BPT0 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RNA51953BPT0
Description  Voltage Detecting, System Resetting IC Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51953BPT0 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RNA51953BPT0 Datasheet HTML 3Page - Renesas Technology Corp RNA51953BPT0 Datasheet HTML 4Page - Renesas Technology Corp RNA51953BPT0 Datasheet HTML 5Page - Renesas Technology Corp RNA51953BPT0 Datasheet HTML 6Page - Renesas Technology Corp RNA51953BPT0 Datasheet HTML 7Page - Renesas Technology Corp RNA51953BPT0 Datasheet HTML 8Page - Renesas Technology Corp RNA51953BPT0 Datasheet HTML 9Page - Renesas Technology Corp RNA51953BPT0 Datasheet HTML 10Page - Renesas Technology Corp RNA51953BPT0 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RNA51953A, B
Preliminary
R03DS0009EJ0500 Rev.5.00
Page 9 of 10
Jun 19, 2012
0.01
0.1
1
Delay Capacitance Cd (
μF)
10
100
1000
1
10
100
200
1
10
100
Pulse Width (
μs)
Characteristic Graph 2
Delay Time vs. Momentary Voltage Decrease Pulse Width
(Example data)
Characteristic Graph 1
Reaction Time vs. Delay Capacitance
(Example data)
1000
10000
10000
1000
100
10
1
0.01
μF
Delay Capacitance
0.033
μF
0.1
μF
0.33
μF
1
μF
2.2
μF
3.3
μF
Figure 5 Characteristic Graph
Setting of Output Load Resistance (RNA51953B)
High level output voltage can be set without depending on the power-supply voltage because the output terminal is an
open collector type. However, please guard the following notes.
1. Please set it in value (2 V to 17 V) within the range of the power-supply voltage recommendation.
Moreover, please never impress the voltage of maximum ratings 18 V or more even momentarily either.
2. Please set output load resistance (pull-up resistance) RL so that the output current (output inflow current IL) at L
level may become 4 mA or less. Moreover, please never exceed absolute maximum rating (6 mA).
VCC (2 V to 17 V)
IL ≤ 4 mA
6
RL
Figure 6 Output Load Resistance RL
Others
1. Notes when IC is handled are published in our reliability handbook, and please refer it.
The reliability handbook can be downloaded from our homepage (following URL).
http://www.renesas.com/products/common_info/reliability/index.jsp
2. Additionally, please inquire of our company when there is an uncertain point on use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com