Electronic Components Datasheet Search
  English  ▼

X  

1S30 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1S30
Description  1.0A Axial Leaded Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1S30 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1S30 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1S30 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.6--TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG.5--TYPICAL JUNCTION CAPACITANCE
PULSE DURATION,Sec.
PEAK FORWARD SURGE CURRENT
LEAD TEMPERATURE,
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.4--TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.2 --MAXIMUM NON-REPETITIVE
FIG.3 --TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0
1
10
5
20
15
25
10
100
8.3ms Single Half
Sine-Wave
0.1
10
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
1
100
10
100
400
0.01
0.1
1
020
40
60
10
100
80
100
TJ=25
TJ=100℃
1000
1S50 - 1S60
0.01
50
0.1
1
10
0
0 .2 0 .4 0 .6
1 .2 1 .4
P u ls e w idth=3 0 0
s
1 % D u ty C y c le
0.8 1.0
1.6
1S80 - 1S100
1S20-1S40
1S20-1S40
25
0
0
0.25
50
75
0.75
0.5
1.0
100
125
150
175
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
1S50-1S100
0.01
0.1
1
100
10
0.1
10
100
1
2OF2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com