Electronic Components Datasheet Search
  English  ▼

X  

ACE500E Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE500E
Description  Fast Transient Response LDO with Adjustable Output Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE500E Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE500E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE500E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE500E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE500E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE500E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE500E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE500E Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE500E
Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
3
Electrical Characteristics
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25ºC.)
Parameter
Conditions
Min
Typ
Max
Units
INPUT Range
2.5
6.0
V
Quiescent Current (Iq)
Vfb=1V
40
uA
Feedback Voltage (Vfb)
0.775
0.8
0.825
mV
Dropout Voltage (Vdrop)
Iout=100mA
75
mV
Iout=300mA
225
Iout=500mA
370
Line Regulation
2.5V < Vin <5.5
0.075
%/V
Load Regulation
0mA
< Iout < 500mA
0.6
%/A
Maximum Output Current (Iout_Max)
Vin – Vout = 1V
0.9
1.05
A
Current Limit
1.05
A
EN logic “high” Voltage
Voltage to turn on the chip
1.5
V
EN logic “low” Voltage
Voltage to turn off the chip
0.5
V
Thermal Protection
150
Ripple Rejection
F=100Hz, Ripple=0.5Vp-p
VIN= Set VOUT+1V
65
dB
Typical Performance Characteristics
(Typical values are at TA = 25℃ unless otherwise specified.)
Dropout Voltage Vin=5V
Dropout Voltage Vin=3.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com