Electronic Components Datasheet Search
  English  ▼

X  

1SS130 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1SS130
Description  130mA Axial Leaded High Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS130 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1SS130 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SS130 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - POWER DARATING CURVE
RECTIFIED CURRENT
0
25
50
75
100
125
150
175
0
25
50
75
75
100
125
150
175
AMBIENT TEMPERATURE, (
°C)
AMBIENT TEMPERATURE, (
°C)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
120
90
60
30
150
10
3
10
2
400
0
500
0
300
200
100
80
10
100
10
100
0
20
40
60
120
REVERSE VOLTAGE ,VOLTS
Ta = 25
°C
Ta = 100
°C
1
Ta = 25
°C
140
FORWARD VOLTAGE, VOLTS
0
0.2
0.4
0.6
0.8
1.0
1.2 1..4
1.6
1.8
2.0
10
4
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com