Electronic Components Datasheet Search
  English  ▼

X  

ACE729E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE729E
Description  3A, 18V High Efficiency Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE729E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE729E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE729E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE729E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE729E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE729E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE729E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE729E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE729E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE729E
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
1
Description
The ACE729E is a wide input range, high-efficiency, DC-to- DC step-down switching regulator, capable
of delivering up to 3A of output current. Current mode PWM control allows the use of small external
components, such as ceramic input and output caps, as well as small inductors, while still providing low
output ripples. On top of the integrated internal synchronous rectifier that eliminates external Schottky
diode, ACE729E also employs a proprietary control scheme that switches the device into a power save
mode during light load, thereby extending the range of high efficiency operation. Therefore, ACE729E is a
much superior solution in comparison to other competitions in terms of efficiency and cost. Overall,
ACE729E is a highly efficient and robust solution for DC-DC step-down applications that requires wide
input ranges.
ACE729E is available ESOP8 Packages..
Features
• Wide Input Operating Range from 4.5V to 18V
• High Efficiency: Up to 95% at Light Load
• Capable of Delivering 3A.
• No External Schottky Diode Needed
• Inductor Short Circuit Protection
• Current Mode control
• 0.923V Reference for Low Output voltages
• Logic Control Shutdown
• Thermal shutdown and UVLO
• Available in ESOP8 Package
Application
• LCD TVs
• Notebook computers
• FPGA power supplies
• LED drivers
Absolute Maximum Ratings
Parameter
Value
IN Voltage
-0.3V~20V
SW, EN Voltage
-0.3V~VIN+0.3V
BST Voltage
-0.3V~SW+6V
FB Voltage
-0.3V~6V
SW to ground current
Internally limited
Operating Temperature Range
–40°C~ 85°C
Storage Temperature Range
.–55°C~ 150°C
(Note: Exceeding these limits
may damage the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.)


Similar Part No. - ACE729E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729CIM+H ACE-ACE729CIM+H Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE729E

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727Z ACE-ACE727Z Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1485 ETA-ETA1485 Datasheet
238Kb / 1P
3A, 18V High Efficiency Synchronous Step-Down Converter
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com