Electronic Components Datasheet Search
  English  ▼

X  

1SS146 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SS146
Description  0.1/0.2A Axial Leaded Small Signal Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS146 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SS146 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
of 1
1
Features
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
Mechanical Data
·
·
·
·
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Silicon epitaxial planar diode
High speed switching diode
These diodes are also available in glass case
DO-34
Weight: 0.004 ounces, 0.13 grams
Mounting position: Any
Case: DO-35, glass case
Polarity: Color band denotes cathode
(I=IRM)VFM
I(AV)
IR
VR
AV
V
A
V
A
μAVns
1SS141
0.11
40
35
0.3
1.2
0.1
0.01
20
50
1SS144
0.2
200
150
1.0
1.0
0.1
0.5
150
400
1SS145
0.2
300
250
1.0
1.0
0.1
0.5
250
400
1SS146
0.2
250
200
1.0
1.0
0.1
0.5
200
400
1SS147
0.2
200
150
1.0
1.0
0.1
0.5
150
400
Type
TA=25
VRRM
IRM@VRRM
VFM
trr
I(AV)
VR
IFSM
1SS141-1SS147
0.1/0.2A Axial Leaded Small Signal Switching Diode


Similar Part No. - 1SS146

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1SS146 BILIN-1SS146 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - 1SS146

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Silicon Standard Corp.
BAS86 SSC-BAS86 Datasheet
322Kb / 2P
0.2A Surface-mount Small-signal Schottky Diode
logo
SUNMATE electronic Co.,...
1S1553 SUNMATE-1S1553 Datasheet
133Kb / 1P
0.1A Axial Leaded Small Signal Switching Diode
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BAT49 SUNMATE-BAT49 Datasheet
213Kb / 3P
500mA Axial Leaded Small Signal Schottky Diode
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
0.2A Axial Leaded Small Signal Schottky Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
0.2A Axial Leaded Schottky Barrier Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
R2500F SUNMATE-R2500F Datasheet
276Kb / 2P
0.2A Axial Leaded High Voltage Rectifier
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
500mW Axial Leaded Small Signal Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com