Electronic Components Datasheet Search
  English  ▼

X  

1SS181 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SS181
Description  100mA Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS181 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SS181 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SS181 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100mA Surface Mount Switching Diode
of 2
1SS181
1
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
·
·
·
A
M
J
L
D
F
B C
H
K
G
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
F
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0°
8°
All Dimensions in mm
Case: SOT-23
Low forward voltage
VF(3)=0.92V(typ).
Fast switching.
Fast reverse recovery time:trr=1.6ns(typ)
Characteristic
Symbol
Limits
Unit
Non-Repetitive Peak Reverse Voltage
VRM
85
V
DC Reverse Voltage
VR
80
V
Forward current(max)
IFM
300
mA
Forward Output current
Io
100
mA
Power Dissipation
Pd
150
mW
Operating Junction Temperature Range
Tj
125
℃
Storage Temperature Range
TSTG
-55 to +125
℃
Characteristic
Symbol
Min
Typ
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
80
-
-
V
IR= 100μA
Forward Voltage
VF
-
0.61
0.74
0.92
1.2
V
IF=1mA
IF=10mA
IF=100mA
Reverse Leakage Current
IR
-
0.1
0.5
μ
A
VR=30V
VR=80V
Junction Capacitance
Cj
-
2.2
4.0
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
-
1.6
4.0
ns
IF=IR=10mAIrr=0.1*IR


Similar Part No. - 1SS181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
logo
TRANSYS Electronics Lim...
1SS181 TEL-1SS181 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS181 BILIN-1SS181 Datasheet
516Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS181 KEXIN-1SS181 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results

Similar Description - 1SS181

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Cystech Electonics Corp...
CASD355SG CYSTEKEC-CASD355SG Datasheet
147Kb / 3P
100V/100mA SURFACE MOUNT SWITCHING DIODE
CASD355SY CYSTEKEC-CASD355SY Datasheet
146Kb / 3P
80V/100mA SURFACE MOUNT SWITCHING DIODE
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SUNMATE electronic Co.,...
1SS184 SUNMATE-1SS184 Datasheet
2Mb / 2P
100mA Surface Mount Switching Diode
1SS187 SUNMATE-1SS187 Datasheet
2Mb / 2P
100mA Surface Mount Switching Diode
1SS190 SUNMATE-1SS190 Datasheet
2Mb / 2P
100mA Surface Mount Switching Diode
LL41 SUNMATE-LL41 Datasheet
240Kb / 2P
100mA Surface Mount Schottky Barrier Diode
RB530S-30 SUNMATE-RB530S-30 Datasheet
365Kb / 3P
100mA Surface Mount Schottky Barrier Diode
RB531S-30 SUNMATE-RB531S-30 Datasheet
248Kb / 3P
100mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com