Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 3 Page - NEC

Part # UPC8101
Description  150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 3 Page - NEC

  UPC8101 Datasheet HTML 1Page - NEC UPC8101 Datasheet HTML 2Page - NEC UPC8101 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEAD CONNECTIONS
(Top View)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OUTLINE DIMENSIONS (Units in mm)
ORDERING INFORMATION
Note:
Embossed Tape, 12 mm wide.
Pin 1 indicates roll-in direction of tape.
UPC8101GR-E2
2500/Reel
PART NUMBER
QTY
UPC8101GR
Note:
All dimensions are typical unless otherwise specified.
PACKAGE OUTLINE SSOP20
1. LOCAL IN
2. LOCAL IN
3. GND
4. Q-BIAS
5. Q-BIAS
6. GND
7. Q-INPUT
8. Q-INPUT
9. GND
10. IF OUTPUT
11. VCC
12. VENABLE
13. I-INPUT
14. I-INPUT
15. GND
16. I-BIAS
17. I-BIAS
18. GND
19. N.C.
20. GND
NEC
XXXXX
20
11
1
10
7.00 MAX
6.4±0.2
4.4±0.1
1.0±0.1
0.5±0.2
0.15
1.8 MAX
1.5 ±0.1
0.22
0.65
0.575 MAX
N
+0.10
- 0.05
+0.10
- 0.05
C8101G
XXXXX = Lot/Date Code
EXCLUSIVE AGENT FOR NEC Corporation RF & MICROWAVE SEMICONDUCTOR PRODUCTS - U.S. & CANADA
CALIFORNIA EASTERN LABORATORIES, INC
· Headquarters · 4590 Patrick Henry Drive · Santa Clara, CA 95054-1817 · (408) 988-3500 · Telex 34-6393/FAX (408) 988-0279
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com