Electronic Components Datasheet Search
  English  ▼

X  

UPC8103T Datasheet(PDF) 8 Page - NEC

Part # UPC8103T
Description  MIXER OSCILLATOR IC FOR PAGER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8103T Datasheet(HTML) 8 Page - NEC

Back Button UPC8103T Datasheet HTML 4Page - NEC UPC8103T Datasheet HTML 5Page - NEC UPC8103T Datasheet HTML 6Page - NEC UPC8103T Datasheet HTML 7Page - NEC UPC8103T Datasheet HTML 8Page - NEC UPC8103T Datasheet HTML 9Page - NEC UPC8103T Datasheet HTML 10Page - NEC UPC8103T Datasheet HTML 11Page - NEC UPC8103T Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
µPC8103T, µPC8108T
8
CHARACTERISTIC CURVES (Unless otherwise specified with TEST CIRCUIT 1 or 2)
—
µPC8103T —
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
0
1
2
3
4
10
8
6
4
2
0
No signal
CIRCUIT CURRENT vs. OPERATING TEMPERATURE
Operating temperature TA (˚C)
–40
0
20
60
100
–20
40
80
8
7
6
5
4
3
2
1
0
VCC = 1.0 V
VCC = 1.5 V
VCC = 2.0 V
RF FREQUENCY vs. CONVERSION GAIN
RF input frequency fRFin (GHz)
0.1
0.3
0.5
1
PLoin = –10 dBm
PRFin = –35 dBm
fIF = 20 MHz
Upper local
35
30
25
20
15
10
5
0
VCC = 0.9 V
VCC = 1.0 V
VCC = 1.5 V
VCC = 2.0 V
RF FREQUENCY vs. CONVERSION GAIN
RF input frequency fRFin (GHz)
0.1
0.3
0.5
1
PLoin = –21 dBm
PRFin = –35 dBm
fIF = 20 MHz
Upper local
35
30
25
20
15
10
5
0
VCC = 0.9 V
VCC = 1.0 V
VCC = 1.5 V
VCC = 2.0 V
No signal
VCC = 0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com