Electronic Components Datasheet Search
  English  ▼

X  

ACE515C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE515C
Description  300mA High PSRR, Fast Response Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE515C_14 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE515C
300mA High PSRR, Fast Response Linear Regulator
VER 1.5
1
Description
ACE515C series is a group of positive voltage output, low power consumption, low dropout voltage
regulator.
ACE515C can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be customized
on command. ACE515C can also work under a wide input voltage ranging from 1.5V to 6V.
ACE515C includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module with discharge capability.
ACE515C has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. And it uses trimming technique to guarantee output
voltage accuracy within ±2%.
Features
• Input voltage range: 1.5 – 6V
• Output voltage range: 1.0V~4.5V (customized on command every 0.1V step)
• Low power consumption: 35uA (Typ.)
• Low output noise (47uVRMS)
• Shutdown mode: 0.1uA
• Low dropout voltage: 300mV@300mA (Typ.)
• High ripple rejection:70dB@1KHz (Typ.)
• Low temperature coefficient: ±100ppm/°C
• Excellent line regulation: 0.05%/V
• Build-in chip enable and discharge circuit
• Highly accurate: ±2%
• Output current limit
Application
• Power source for cellular phones and various kind of PCSs
• Battery Powered equipment
• Power Management of MP3, PDA, DSC, Mouse, PS2 Games
• Reference Voltage Source
• Regulation after Switching Power


Similar Part No. - ACE515C_14

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE515C ACE-ACE515C Datasheet
835Kb / 10P
300mA High PSRR, Linear Regulator, w. Output Discharge
VER 1.5
More results

Similar Description - ACE515C_14

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
300mA High PSRR, Linear Regulator
BL8591 BELLING-BL8591 Datasheet
268Kb / 10P
100mA High PSRR, Fast Response Linear Regulator
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com