Electronic Components Datasheet Search
  English  ▼

X  

ACE5208 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5208
Description  P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5208 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5208 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5208 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5208 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5208 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5208 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5208 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE5208
P-Channel Power MOSFET
VER 1.1
1
Description
The ACE5208 uses advanced trench technology to provide excellent RDS(ON), low gate charge and
operation with low gate voltage.
This device is suitable for use as a load switching application and a wide variety of other applications.
Features
• Advanced trench MOSFET process technology
• Ultra low on-resistance with low gate charge
Applications
• PWM application
• Load switch
• Battery charge in cellular handset
Absolute Maximum Ratings
Parameter
Symb
ol
Max
Unit
Drain-Source Voltage
VDSS
-12
V
Gate-Source Voltage
VGS
±8
Drain Current-Continuous
ID
-6
A
Drain Current-Pulsed (note 1)
IDM
-20
Power Dissipation (note 2, TA=25℃)
PD
1.5
W
Maximum Power Dissipation (note 3, TC=25℃)
12
Thermal Resistance from Junction to Ambient (note 4)
RθJA
83.3
℃/W
Thermal Resistance from Junction to case (note 4)
RθJC
10.4
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~+150
Packaging Type


Similar Part No. - ACE5208

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520BDGM+H ACE-ACE520BDGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520BEGM+H ACE-ACE520BEGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE520CDGM+H ACE-ACE520CDGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
More results

Similar Description - ACE5208

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
TSM680P06 TSC-TSM680P06 Datasheet
604Kb / 10P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com