Electronic Components Datasheet Search
  English  ▼

X  

WPANTDP032 Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP032
Description  Electrical Properties
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP032 Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP032 Datasheet HTML 1Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 1 of 1
Rev: 1.0
Created on: July 20
th 2011
Created by: CSJ
Approved By: BP
WPANTDP032
824-960/1710-2170MHz Antenna
Electrical Properties
Mechanical Properties
Characteristics
Specifications
Height
195mm
Weight
36g
Radome Material
Plastic
Antenna Color
Black Or White
Working
Temperature
-40
℃~+55℃
Working Humidity
20~95%
Characteristics
Specifications
Frequency Range
824-960 / 1710-2170MHz
VSWR
≤3 / ≤2.5
Input Impedance
50Ω
Gain
2dBi
Polarization
Vertical
Lightning Protection
DC ground
Maximum Input Power
50W
Connector Type
FME-F


Similar Part No. - WPANTDP032

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP030 WPI-WPANTDP030 Datasheet
93Kb / 1P
Electrical Properties
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
Electrical Properties
WPANTDP033 WPI-WPANTDP033 Datasheet
119Kb / 1P
Electrical Properties
WPANTDP036 WPI-WPANTDP036 Datasheet
864Kb / 8P
WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
More results

Similar Description - WPANTDP032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP10R06KL4 ETC1-FP10R06KL4 Datasheet
208Kb / 12P
Elektrische Eigenschaften / Electrical properties
FP15R06KL4 ETC1-FP15R06KL4 Datasheet
202Kb / 12P
Elektrische Eigenschaften / Electrical properties
logo
eupec GmbH
BSM30GP60 EUPEC-BSM30GP60 Datasheet
134Kb / 12P
Elektrische Eigenschaften / Electrical properties
logo
World Produts Inc.
WPANTDP033 WPI-WPANTDP033 Datasheet
119Kb / 1P
Electrical Properties
WPANTDP030 WPI-WPANTDP030 Datasheet
93Kb / 1P
Electrical Properties
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
Electrical Properties
WPANTDP046 WPI-WPANTDP046 Datasheet
76Kb / 1P
Electrical Properties
logo
Infineon Technologies A...
56DN06B01 INFINEON-56DN06B01 Datasheet
231Kb / 8P
Elektrische Eigenschaften / Electrical properties
2013-08-07 Revision: 3.1
logo
Shanghai Leiditech Elec...
SMD1812P500TF-6 LEIDITECH-SMD1812P500TF-6 Datasheet
1Mb / 4P
Electrical Properties
logo
Infineon Technologies A...
BSM35GP120G INFINEON-BSM35GP120G Datasheet
178Kb / 12P
Electrical properties IGBT-Modules
revision: 3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com