Electronic Components Datasheet Search
  English  ▼

X  

UPC8102 Datasheet(PDF) 17 Page - NEC

Part # UPC8102
Description  RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8102 Datasheet(HTML) 17 Page - NEC

Back Button UPC8102 Datasheet HTML 12Page - NEC UPC8102 Datasheet HTML 13Page - NEC UPC8102 Datasheet HTML 14Page - NEC UPC8102 Datasheet HTML 15Page - NEC UPC8102 Datasheet HTML 16Page - NEC UPC8102 Datasheet HTML 17Page - NEC UPC8102 Datasheet HTML 18Page - NEC UPC8102 Datasheet HTML 19Page - NEC UPC8102 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
µPC8102T
17
– TEST CIRCUIT 2 –
IM3
–10
0
+10
–80
–70
–60
–50
–40
–30
–20
–70
–60
–50
–40
–30
–20
–10
IM3 AND OUTPUT LEVEL vs. INPUT LEVEL (150 MHz)
INPUT LEVEL Pin [dBm]
POUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com