Electronic Components Datasheet Search
  English  ▼

X  

OP07D Datasheet(PDF) 11 Page - Analog Devices

Part # OP07D
Description  150 V Maximum Offset Voltage Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07D Datasheet(HTML) 11 Page - Analog Devices

Back Button OP07D_15 Datasheet HTML 7Page - Analog Devices OP07D_15 Datasheet HTML 8Page - Analog Devices OP07D_15 Datasheet HTML 9Page - Analog Devices OP07D_15 Datasheet HTML 10Page - Analog Devices OP07D_15 Datasheet HTML 11Page - Analog Devices OP07D_15 Datasheet HTML 12Page - Analog Devices OP07D_15 Datasheet HTML 13Page - Analog Devices OP07D_15 Datasheet HTML 14Page - Analog Devices OP07D_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP07D
Rev. A | Page 11 of 16
10
1
0.1
0.01
0.1
1k
100
10
1
FREQUENCY (Hz)
VS = ±15V
Figure 32. Current Noise Density vs. Frequency
2
VS = ±5V AND ±15V
CL = 1nF
G = +1
VIN = 100mV p-p
TIME (100µs/DIV)
Figure 33. Small-Signal Transient
2
VS = ±15V
CL = 1nF
G = +1
VIN = 4V p-p
TIME (100µs/DIV)
Figure 34. Large-Signal Transient
2
VS = ±5V
CL = 1nF
G = +1
VIN = 4V p-p
TIME (100µs/DIV)
Figure 35. Large-Signal Transient
0V
–5V
–10V
–15V
–20V
0V
–200mV
200mV
400mV
VS = ±15V
VIN = 200mV
G = –100
RECOVERY = 1µs
VIN
VOUT
TIME (10µs/DIV)
Figure 36. Positive Overload Recovery
0V
–5V
5V
10V
15V
0V
–200mV
200mV
400mV
VS = ±15V
VIN = 200mV
G = –100
RECOVERY = 5µs
VIN
VOUT
TIME (10µs/DIV)
Figure 37. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com