Electronic Components Datasheet Search
  English  ▼

X  

OP113 Datasheet(PDF) 17 Page - Analog Devices

Part # OP113
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113 Datasheet(HTML) 17 Page - Analog Devices

Back Button OP113_15 Datasheet HTML 13Page - Analog Devices OP113_15 Datasheet HTML 14Page - Analog Devices OP113_15 Datasheet HTML 15Page - Analog Devices OP113_15 Datasheet HTML 16Page - Analog Devices OP113_15 Datasheet HTML 17Page - Analog Devices OP113_15 Datasheet HTML 18Page - Analog Devices OP113_15 Datasheet HTML 19Page - Analog Devices OP113_15 Datasheet HTML 20Page - Analog Devices OP113_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 17 of 24
LOW VOLTAGE HEADPHONE AMPLIFIERS
Figure 49 shows a stereo headphone output amplifier for the
AD1849 16-bit SOUNDPORT® stereo codec device.1 The
pseudo-reference voltage is derived from the common-mode
voltage generated internally by the AD1849, thus providing a
convenient bias for the headphone output amplifiers.
5V
5kΩ
OPTIONAL
GAIN
1kΩ
5V
5kΩ
29
19
31
10kΩ
LOUT1L
LOUT1R
CMOUT
AD1849
16Ω
47kΩ
HEADPHONE
LEFT
HEADPHONE
RIGHT
16Ω
47kΩ
+
OPTIONAL
GAIN
1kΩ
VREF
10µF
VREF
10kΩ
10µF
L VOLUME
CONTROL
1/2
OP213
1/2
OP213
1/2
OP213
R VOLUME
CONTROL
VREF
220µF
+
220µF
–
+
–
+
–
+
Figure 49. Headphone Output Amplifier for Multimedia Sound Codec
LOW NOISE MICROPHONE AMPLIFIER FOR
MULTIMEDIA
The OPx13 family is ideally suited as a low noise microphone
preamp for low voltage audio applications. Figure 50 shows a
gain of 100 stereo preamp for the AD1849 16-bit SOUNDPORT
stereo codec chip. The common-mode output buffer serves as a
phantom power driver for the microphones.
5V
10kΩ
50Ω
20Ω
100Ω
10kΩ
5V
20Ω
50Ω
10kΩ
10kΩ
100Ω
15
17
MINL
MINR
CMOUT
AD1849
19
LEFT
ELECTRET
CONDENSER
MIC
INPUT
10µF
+
10µF
+
1/2
OP213
1/2
OP213
–
+
RIGHT
ELECTRET
CONDENSER
MIC
INPUT
+
–
1/2
OP213
–
+
Figure 50. Low Noise Stereo Microphone Amplifier for Multimedia Sound
Codec
PRECISION VOLTAGE COMPARATOR
With its PNP inputs and 0 V common-mode capability, the
OPx13 family can make useful voltage comparators. There is
only a slight penalty in speed in comparison to IC comparators.
However, the significant advantage is its voltage accuracy. For
example, VOS can be a few hundred microvolts or less, combined
with CMRR and PSRR exceeding 100 dB, while operating from
a 5 V supply. Standard comparators like the 111/311 family
operate on 5 V, but not with common mode at ground, nor with
offset below 3 mV. Indeed, no commercially available single-
supply comparator has a VOS less than 200 μV.
1 SOUNDPORT is a registered trademark of Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com