Electronic Components Datasheet Search
  English  ▼

X  

OP220GP Datasheet(PDF) 3 Page - Analog Devices

Part # OP220GP
Description  Dual Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP220GP Datasheet(HTML) 3 Page - Analog Devices

  OP220GP Datasheet HTML 1Page - Analog Devices OP220GP Datasheet HTML 2Page - Analog Devices OP220GP Datasheet HTML 3Page - Analog Devices OP220GP Datasheet HTML 4Page - Analog Devices OP220GP Datasheet HTML 5Page - Analog Devices OP220GP Datasheet HTML 6Page - Analog Devices OP220GP Datasheet HTML 7Page - Analog Devices OP220GP Datasheet HTML 8Page - Analog Devices OP220GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
OP220
OP220A/E
OP220F
OP220C/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
DVOS
150
300
250
500
300
800
mV
Match
Average Noninverting
IB+VCM = 0
10
2015
25
2030
nA
Bias Current
Noninverting Offset
IOS+VCM = 0
0.7
1.5
1
2
1.4
2.5
nA
Current
Common-Mode
DCMRR VCM = –15 V to +13.5 V 92
100
87
95
72
85
dB
Rejection Ratio Match
1
Power Supply
DPSRR
VS =
±2.5 V to ±15 V,
6
14
18
44
57
140
mV/V
Rejection Ratio Match
2
NOTES
1
DCMRR is 20 log10 VCM/DCME, where VCM is the voltage applied to both noninverting inputs and DCME is the difference in common-mode input-referred error.
2
DPSRR is
Input Referred Differential Error
DV
S
.
3Sample tested.
MATCHING CHARACTERISTICS
OP220A/E
OP220F
OP220C/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
DVOS
250
500
400
800
800
1,800
mV
Match
Input Offset Voltage
TC
DVOS
12
1.5
3
1.5
5
mV/∞C
Tracking
1
Average Noninverting
IB+VCM = 0
10
2515
30
2240
nA
Bias Current
Average Drift of
TCIB+VCM = 0
15
2515
30
3050
pA/
∞C
Noninverting
Bias Current
1
Noninverting Offset
IOS+VCM = 0
0.7
2
1
2.5
2.5
5
nA
Current
Average Drift of
TCIOS+VCM = 0
7
15
12
22.5
15
30
pA/
∞C
Noninverting Offset
Current
1
Common-Mode
DCMRR VCM = –15 V to +13 V
87
96
82
96
72
80
dB
Rejection Ratio Match2
Power Supply
DPSRR
VS =
±2.5 V to ±15 V,
10
26
30
78
57
250
mV/V
Rejection Ratio Match
3
NOTES
1Sample tested.
2
DCMRR is 20 log10 VCM/DCME, where VCM is the voltage applied to both noninverting inputs and DCME is the difference in common-mode input-referred error.
3
DPSRR is
Input Referred Differential Error
DV
S
.
MATCHING CHARACTERISTICS
(Vs =
15 V, –55 C
£ TA £ +125 C for OP220A/C, –25 C £ TA £ +85 C for OP220E/F,
–40 C
£ TA £ +85 C for OP220G unless otherwise noted. Grades E, F are sample tested.)
(@ VS =
15 V, TA = 25 C, unless otherwise noted.)
OP220N
Parameter
Symbol
Conditions
Typical
Unit
Average Input Offset Voltage Drift
TCVOS
1.5
mV/∞C
Large-Signal Voltage Gain
AVO
RL = 25 k
W
2000
V/mV
TYPICAL ELECTRICAL CHARACTERISTICS (@ V
s =
15 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com