Electronic Components Datasheet Search
  English  ▼

X  

2SC5509 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5509 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5509 Datasheet HTML 1Page - California Eastern Labs 2SC5509 Datasheet HTML 2Page - California Eastern Labs 2SC5509 Datasheet HTML 3Page - California Eastern Labs 2SC5509 Datasheet HTML 4Page - California Eastern Labs 2SC5509 Datasheet HTML 5Page - California Eastern Labs 2SC5509 Datasheet HTML 6Page - California Eastern Labs 2SC5509 Datasheet HTML 7Page - California Eastern Labs 2SC5509 Datasheet HTML 8Page - California Eastern Labs 2SC5509 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8
f
o
1
e
g
a
P
0
0
.
3
.
v
e
R
0
0
3
0
J
E
6
5
0
0
S
D
9
0
R
Mar 5, 2013
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary
Data Sheet
NE663M04 / 2SC5509
NPN SILICON RF TRANSISTOR
FOR MEDIUM OUTPUT POWER, LOW-NOISE, HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
FEATURES
•
Ideal for medium output power amplification
•
NF = 1.2 dB TYP., Ga = 12 dB TYP. @ VCE = 2 V, IC = 10 mA, f = 2 GHz
•
Maximum available power gain: MAG = 14 dB TYP. @ VCE = 2 V, IC = 50 mA, f = 2 GHz
•
fT = 25 GHz technology adopted
•
Flat-lead 4-pin thin-type super minimold (M04) package
ORDERING INFORMATION
Part Number
Order Number
Quantity
Package
Supplying Form
NE663M04
2SC5509
NE663M04-A
2SC5509-A
50 pcs (Non reel)
NE663M04-T2
2SC5509-T2
NE663M04-T2-A
2SC5509-T2-A
3 kpcs/reel
Flat-lead 4-pin
thin-type super
minimold (M04)
(Pb-Free)
• 8 mm wide embossed taping
• Pin 1 (Emitter), Pin 2 (Collector) face
the perforation side of the tape
Remark To order evaluation samples, please contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TC = 25°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
3.3
V
Emitter to Base Voltage
VEBO
1.5
V
I
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
100
mA
Total Power Dissipation
Ptot
Note
190
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Free air.
THERMAL RESISTANCE
Parameter
Symbol
Ratings
Unit
Junction to Case Resistance
Rth j-c
95
°C /W
Junction to Ambient Resistance
Rth j-a
650
°C /W
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0056EJ0300
Rev.3.00
Mar 5, 2013
<R>
A Business Partner of Renesas Electronics Corporation.
JEITA
Part No.


Similar Part No. - 2SC5509

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5509 NEC-2SC5509 Datasheet
82Kb / 15P
NPN SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5509 RENESAS-2SC5509 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
2SC5509-A RENESAS-2SC5509-A Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
logo
NEC
2SC5509-T2 NEC-2SC5509-T2 Datasheet
82Kb / 15P
NPN SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5509-T2 RENESAS-2SC5509-T2 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
More results

Similar Description - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com