Electronic Components Datasheet Search
  English  ▼

X  

2SC5751 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5751
Description  MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5751 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5751 Datasheet HTML 1Page - California Eastern Labs 2SC5751 Datasheet HTML 2Page - California Eastern Labs 2SC5751 Datasheet HTML 3Page - California Eastern Labs 2SC5751 Datasheet HTML 4Page - California Eastern Labs 2SC5751 Datasheet HTML 5Page - California Eastern Labs 2SC5751 Datasheet HTML 6Page - California Eastern Labs 2SC5751 Datasheet HTML 7Page - California Eastern Labs 2SC5751 Datasheet HTML 8Page - California Eastern Labs 2SC5751 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Document No. P15657EJ1V0DS00 (1st edition)
Date Published August 2001 NS CP(K)
NPN SILICON RF TRANSISTOR
NE677M04 / 2SC5751
NPN SILICON RF TRANSISTOR FOR
MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
FEATURES
• Ideal for medium output power amplification
•PO (1 dB) = 15.0 dBm TYP. @ VCE = 2.8 V, f = 1.8 GHz, Pin = 1 dBm
• HFT3 technology (fT = 12 GHz) adopted
• High reliability through use of gold electrodes
• Flat-lead 4-pin thin-type super minimold package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
NE677M04-A
2SC5751
-A
50 pcs (Non reel)
• 8 mm wide embossed taping
NE677M04-T2-A
2SC5751-T2
-A
3 kpcs/reel
• Pin 1 (Emitter), Pin 2 (Collector) face the perforation side of the tape
Remark To order evaluation samples,
please contact your nearby sales office.
Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
9.0
V
Collector to Emitter Voltage
VCEO
6.0
V
Emitter to Base Voltage
VEBO
2.0
V
Collector Current
IC
50
mA
Total Power Dissipation
Ptot
Note
205
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB
Because this product uses high-frequency technology, avoid excessive static electricity, etc.
JEITA
Part No.


Similar Part No. - 2SC5751

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5751 RENESAS-2SC5751 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR
2001
2SC5751-T2 RENESAS-2SC5751-T2 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR
2001
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
More results

Similar Description - 2SC5751

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4545 PANASONIC-2SC4545 Datasheet
81Kb / 4P
For Medium Output Power Amplification
2SD0638 PANASONIC-2SD0638 Datasheet
73Kb / 3P
For Medium-Power General Amplification
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com