Electronic Components Datasheet Search
  English  ▼

X  

2SC5752 Datasheet(PDF) 10 Page - California Eastern Labs

Part # 2SC5752
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5752 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button 2SC5752 Datasheet HTML 6Page - California Eastern Labs 2SC5752 Datasheet HTML 7Page - California Eastern Labs 2SC5752 Datasheet HTML 8Page - California Eastern Labs 2SC5752 Datasheet HTML 9Page - California Eastern Labs 2SC5752 Datasheet HTML 10Page - California Eastern Labs 2SC5752 Datasheet HTML 11Page - California Eastern Labs 2SC5752 Datasheet HTML 12Page - California Eastern Labs 2SC5752 Datasheet HTML 13Page - California Eastern Labs 2SC5752 Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet P15658EJ1V0DS
10
VCE = 3 V, IC = 7 mA, ZO = 50 Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0.792
0.755
0.701
0.664
0.635
0.621
0.610
0.605
0.604
0.606
0.609
0.608
0.615
0.618
0.628
0.630
0.636
0.644
0.649
0.655
0.665
0.668
0.675
0.680
0.686
0.692
0.702
0.709
0.720
0.717
−
34.1
−
64.9
−
89.7
−
108.1
−
123.1
−
135.1
−
145.1
−
153.0
−
160.5
−
166.7
−
172.6
−
178.0
177.2
172.8
168.6
164.9
161.3
158.1
154.7
151.4
148.6
145.9
143.5
141.1
138.6
136.2
133.9
131.7
130.1
127.8
18.596
15.883
13.422
11.311
9.679
8.345
7.364
6.518
5.899
5.356
4.905
4.506
4.172
3.866
3.618
3.391
3.190
3.000
2.829
2.670
2.542
2.410
2.303
2.192
2.098
2.005
1.916
1.833
1.767
1.709
158.7
139.7
124.7
114.2
105.4
98.8
92.5
87.4
82.5
78.0
73.8
70.1
65.9
62.3
58.8
55.4
52.1
48.8
45.5
42.3
39.0
36.0
32.9
29.9
26.8
24.1
21.3
18.6
15.7
13.3
0.025
0.043
0.055
0.062
0.066
0.069
0.071
0.073
0.074
0.075
0.077
0.078
0.079
0.080
0.082
0.083
0.084
0.086
0.088
0.090
0.092
0.094
0.096
0.099
0.101
0.104
0.107
0.109
0.111
0.113
70.3
57.1
46.7
39.7
34.8
31.3
29.3
27.9
26.9
26.5
26.0
25.9
25.7
26.0
26.1
26.4
26.7
27.0
27.0
27.5
28.0
28.4
28.8
29.1
29.3
29.3
29.4
29.2
28.9
29.0
0.942
0.819
0.704
0.599
0.522
0.457
0.413
0.375
0.350
0.328
0.315
0.302
0.295
0.287
0.285
0.279
0.282
0.279
0.286
0.288
0.298
0.303
0.316
0.321
0.334
0.339
0.351
0.356
0.368
0.373
−
19.9
−
36.7
−
49.0
−
58.6
−
65.5
−
71.7
−
76.4
−
81.4
−
85.6
−
90.4
−
94.3
−
99.0
−
102.6
−
107.3
−
111.0
−
115.7
−
119.6
−
124.3
−
128.5
−
133.0
−
137.0
−
140.9
−
144.4
−
148.0
−
151.2
−
154.5
−
157.9
−
160.8
−
163.4
−
166.7
0.109
0.152
0.224
0.299
0.375
0.449
0.516
0.589
0.644
0.702
0.750
0.812
0.851
0.906
0.930
0.981
1.011
1.044
1.065
1.095
1.089
1.117
1.118
1.132
1.131
1.138
1.125
1.129
1.101
1.134
28.74
25.67
23.90
22.60
21.66
20.81
20.13
19.54
18.99
18.51
18.06
17.62
17.22
16.83
16.46
16.11
15.13
14.15
13.52
12.85
12.60
12.00
11.70
11.26
10.97
10.60
10.39
10.07
10.08
9.56
NE67818 / 2SC5752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com