Electronic Components Datasheet Search
  English  ▼

X  

BAT41 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT41
Description  100mA Axial Leaded Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT41 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT41 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT41 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100mA Axial Leaded Schottky Barrier Diodes
of2
1
Features
·
·
@ TA = 25
°C unless otherwise specified
Features
·
·
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
BAT41
For general purpose applications
This diode features very low turn-on voltage
oltage, such as electrostatic discharges
and fast switching. Thes e devices are protected
by a PN junction guard ring against exces sive
Case:JEDEC DO--35,glas s cas e
Weight: Approx. 0.13 gram
Polarity: Color band denotes cathode end
·
Symbols
Storage temperature range
TSTG
Pow er dissipation
@
T
A =95
UNITS
VRRM
IF
IFRM
I FSM
Ptot
TJ
TL
750
1)
-55 ---+ 125
V
mA
mA
100
100
1)
350
1)
mA
mW
c-55 ---+ 150
Junction temperature
Ambient operating temperature range
Value
100
1)
1) On infinite heatsink with 4mm lead length.
Continuous reverse voltage
Forw ard continuous current
@TA=25
Repetitive peak forward current
tp
≤1s,δ≤0.5
Surge forw ard current
@tp
≤10ms
230
Min.
UNITS
100
-
-
V
V
µA
pF
/W
Thermal resistance junction to ambient
CJ
-
-
1.0
s,
<2%
F=1mA,Tj=25
@ I
F=200mA,Tj=25
Reverse breakdown voltage @IR=100µ A,Tj=25
Symbols
VBR
I
R
Max.
Typ.
RθJA
Leakage current
@Tj=25
Junction capacitance at VR=1V,f=1MHz
V
F
Forw ard voltage
@ I
-
-
20
-
-
20
-
-
300
1)
VR=50V
@Tj=100
-
0.4
0.45
-
-
0.1
2)Pulse test tp<300


Similar Part No. - BAT41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT41 STMICROELECTRONICS-BAT41 Datasheet
58Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
General Semiconductor
BAT41 GE-BAT41 Datasheet
41Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT41 BILIN-BAT41 Datasheet
109Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
STMicroelectronics
BAT41 STMICROELECTRONICS-BAT41 Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
logo
GOOD-ARK Electronics
BAT41 GOOD-ARK-BAT41 Datasheet
133Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT41

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5711 SUNMATE-1N5711 Datasheet
217Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
1SS165 SUNMATE-1SS165 Datasheet
197Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
200mA Axial Leaded Schottky Barrier Diodes
BAT46 SUNMATE-BAT46 Datasheet
179Kb / 2P
150mA Axial Leaded Schottky Barrier Diodes
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
350mA Axial Leaded Schottky Barrier Diodes
BAT81 SUNMATE-BAT81 Datasheet
213Kb / 2P
30mA Axial Leaded Schottky Barrier Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
0.2A Axial Leaded Schottky Barrier Diodes
RB721Q SUNMATE-RB721Q Datasheet
161Kb / 1P
30mA Axial Leaded Schottky Barrier Diodes
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
2.0A Axial Leaded Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com