Electronic Components Datasheet Search
  English  ▼

X  

BAT46 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT46
Description  150mA Axial Leaded Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT46 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT46 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT46 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT46
150mA Axial Leaded Schottky Barrier Diodes
of2
1
Features
·
·
@ TA = 25
°C unless otherwise specified
Features
·
·
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
·
·
Case: DO-35 Glass Case
Weight: approx. 0.13g
For general purpose applications.
This diode features very low turn-on voltage and
fast switching. This device is protected by a PN
junction guard ring against excessive voltage, such
as electrostatic discharges
This diode is also available in the MiniMELF case
with type designations LL46.
Pb / RoHS Free
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
150
(1)
mA
Repetitive Peak Forward Current at tp < 1s,
IFRM
350
(1)
mA
Forward Surge Current at tp < 10 ms,
IFSM
750
(1)
mA
Power Dissipation ,Ta = 65
°C
PD
150
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
0.3
(1)
°C/W
Junction Temperature
TJ
125
°C
Ambient Operating Temperature Range
Ta
-65 to + 125
°C
Storage temperature range
TS
-65 to + 150
°C
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
Parameter
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
100
-
-
V
Reverse Current
VR = 10 V
-
-
0.8
Pulse Test tp <300
µs , δ <2%
VR = 50 V
-
-
2.0
VR = 75 V
-
-
5.0
Forward Voltage
IF = 10mA
-
-
0.45
Pulse Test tp <300
µs , δ <2%
IF = 250mA
-
-
1.00
Diode Capacitance
Cd
VR = 1V, f = 1MHz
-
6
-
pF
VF
IR
V
IR = 100 µA (pulsed)
µA
Test Condition


Similar Part No. - BAT46

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
logo
General Semiconductor
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT46 BILIN-BAT46 Datasheet
84Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT46 GOOD-ARK-BAT46 Datasheet
104Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT46

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5711 SUNMATE-1N5711 Datasheet
217Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
1SS165 SUNMATE-1SS165 Datasheet
197Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
BAT41 SUNMATE-BAT41 Datasheet
132Kb / 2P
100mA Axial Leaded Schottky Barrier Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
200mA Axial Leaded Schottky Barrier Diodes
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
350mA Axial Leaded Schottky Barrier Diodes
BAT81 SUNMATE-BAT81 Datasheet
213Kb / 2P
30mA Axial Leaded Schottky Barrier Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
0.2A Axial Leaded Schottky Barrier Diodes
RB721Q SUNMATE-RB721Q Datasheet
161Kb / 1P
30mA Axial Leaded Schottky Barrier Diodes
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
2.0A Axial Leaded Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com