Electronic Components Datasheet Search
  English  ▼

X  

BAT48 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT48
Description  350mA Axial Leaded Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT48 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT48 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT48 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
350mA Axial Leaded Schottky Barrier Diode
35
of 2
1
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
Mechanical Data
·
·
Case: DO-
Glass Case
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
BAT48
For general purpose applications
These diodes feature very low turn-on voltage and
fast switching. These devices are protected by a
PN junction guard ring against excessive voltage,
such as electrostatic discharges
This diode is also available in the Mini-MELF case
with type designations LL48
Pb / RoHS Free
·
Weight: approx. 0.13g
·
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
350
(1)
mA
Repetitive Peak Forward Current at tp < 1s,
IFRM
1
(1)
A
Forward Surge Current at tp < 10 ms,
IFSM
7.5
(1)
A
Power Dissipation ,Ta = 65
°C
PD
330
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
300
(1)
°C/W
Junction Temperature
TJ
125
°C
Ambient Operating Temperature Range
Ta
-65 to + 125
°C
Storage temperature range
TS
-65 to + 150
°C
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
Parameter
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
Reverse Current
VR = 10 V
-
-
2
Pulse Test tp <300
µs , δ <2%
VR = 20 V
-
-
5
VR = 40 V
-
-
25
IF = 1mA
-
-
0.30
Forward Voltage
IF = 10mA
-
-
0.40
Pulse Test tp <300
µs , δ <2%
IF = 30mA
-
-
0.50
IF = 100mA
-
-
0.75
IF = 500mA
-
-
0.90
Diode Capacitance
Cd
VR = 1V, f = 1MHz
-
12
-
pF
VF
IR
V
IR = 100 µA (pulsed)
µA
Test Condition


Similar Part No. - BAT48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT48 STMICROELECTRONICS-BAT48 Datasheet
94Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
General Semiconductor
BAT48 GE-BAT48 Datasheet
44Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
Small-Signal Diode
logo
STMicroelectronics
BAT48 STMICROELECTRONICS-BAT48 Datasheet
114Kb / 8P
Small signal Schottky diodes
08-Aug-2006
More results

Similar Description - BAT48

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SB220 FORMOSA-SB220 Datasheet
160Kb / 6P
Axial Leaded Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
350mA Axial Leaded Schottky Barrier Diodes
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
1.0A Axial Leaded Schottky Barrier Diode
SB220 SUNMATE-SB220 Datasheet
95Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
SB320 SUNMATE-SB320 Datasheet
157Kb / 2P
3.0A Axial Leaded Schottky Barrier Diode
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
5.0A Axial Leaded Schottky Barrier Diode
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
1.0A Axial Leaded Schottky Barrier Diode
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
SR320 SUNMATE-SR320 Datasheet
141Kb / 2P
3.0A Axial Leaded Schottky Barrier Diode
SR520 SUNMATE-SR520 Datasheet
178Kb / 2P
5.0A Axial Leaded Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com