Electronic Components Datasheet Search
  English  ▼

X  

BAT49 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT49
Description  500mA Axial Leaded Small Signal Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT49 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT49 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT49 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BAT49 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
of 3
1
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
Case: Molded Plastic
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
80
V
IF
Forward Continuous Current*
Ta = 70
°C
500
mA
IFRM
Repetitive Peak Forward Current*
tp = 1s
δ ≤ 0.5
3A
IFSM
Surge non Repetitive Forward Current*
tp
≤ 10ms
10
A
Tstg
Tj
Storage and Junction Temperature Range
- 65 to 150
- 65 to 125
°C
°C
TL
Maximum Lead Temperature for Soldering during 10s at 4mm
from Case
230
°C
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR * *
Tj = 25
°CVR = 80V
200
µA
VF * *
Tj = 25
°CIF = 10mA
0.32
V
Tj = 25
°CIF = 100mA
0.42
Tj = 25
°CIF = 1A
1
* On infinite heatsink with 4mm lead length
** Pulse test: tp
≤ 300µs δ < 2%.
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C
Tj = 25
°C
f = 1MHz
VR = 0V
120
pF
VR = 5V
35
BAT49
500mA Axial Leaded Small Signal Schottky Diode


Similar Part No. - BAT49

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT49 STMICROELECTRONICS-BAT49 Datasheet
72Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Shenzhen Taychipst Elec...
BAT49 TAYCHIPST-BAT49 Datasheet
2Mb / 3P
SMALL SIGNAL SCHOTTKY DIODE
More results

Similar Description - BAT49

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Micro Commercial Compon...
DL4151 MCC-DL4151_11 Datasheet
235Kb / 4P
500mA Small Signal Diode 75 Volts
logo
Formosa MS
FM551V-NL FORMOSA-FM551V-NL Datasheet
152Kb / 7P
500mA Surface Mount Small Signal Schottky Diode-30V
logo
SUNMATE electronic Co.,...
1S1553 SUNMATE-1S1553 Datasheet
133Kb / 1P
0.1A Axial Leaded Small Signal Switching Diode
1SS141 SUNMATE-1SS141 Datasheet
141Kb / 1P
0.1/0.2A Axial Leaded Small Signal Switching Diode
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
0.2A Axial Leaded Small Signal Schottky Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
500mW Axial Leaded Small Signal Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com