Electronic Components Datasheet Search
  English  ▼

X  

BAT54HT1G Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT54HT1G
Description  200mA Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT54HT1G Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT54HT1G Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT54HT1G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Surface Mount Schottky Barrier Diode
BAT54HT1G
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
· Case Molded Plastic
K
L
M
J
C
H
BA
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
SYMBOLS
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
Forward Voltage
Junction Capacitance
Forward Recovery Voltage
Reverse Recovery Time
Stored Charge
( VR=75Vdc )
( VR=75Vdc, TJ=150
oC )
( VR=25Vdc, TJ=150
oC )
( IBR=100uAdc )
( IF=1.0mAdc )
( IF=10mAdc )
( IF=50mAdc )
( IF=150mAdc )
( VR=0, f=1.0MHz )
( IF=10mAdc, tr=20nS )
( IF=IR=10mAdc, RL=50
)
( IF=10mAdc, to VR=5.0Vdc, RL=500
)
IR
V( BR )
VF
CJ
VFR
trr
QS
UNITS
MIN.
MAX.
-
-
-
1.0
50
30
uAdc
Vdc
75
-
-
-
-
-
0.72
0.86
1.00
1.25
Vdc
-
2.0
1.75
6.0
45
-
-
-
pF
Vdc
nS
pC
CHARACTERISTIC
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
30
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
600
mA
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR = 10µA30
V
VF
Forward Voltage
IF = 0.1mA
IF = 1.0mA
IF = 10mA
IF = 30mA
IF = 100mA
240
320
400
500
0.8
mV
mV
mV
mV
V
IR
Reverse Leakage
VR = 25V
2.0
µA
CT
Total Capacitance
VR = 1V, f = 1.0MHz
10
pF
trr
Reverse Recovery Time
IF = IR = 10mA, IRR = 1.0mA,
RL = 100Ω
5.0
ns


Similar Part No. - BAT54HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
46Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 3
logo
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
106Kb / 4P
Small Signal Diode
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
119Kb / 4P
Schottky Barrier Diodes
November, 2011 ??Rev. 6
logo
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
167Kb / 5P
Schottky Barrier Diodes
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
56Kb / 4P
Schottky Barrier Diodes
December, 2014 ??Rev. 7
More results

Similar Description - BAT54HT1G

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
200mA Surface Mount Schottky Barrier Rectifiers
BAT85S SUNMATE-BAT85S Datasheet
151Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
LS103A SUNMATE-LS103A Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
MCL103A SUNMATE-MCL103A Datasheet
154Kb / 2P
200mA Surface Mount Schottky Barrier Diode
RB520S-30 SUNMATE-RB520S-30 Datasheet
303Kb / 3P
200mA Surface Mount Schottky Barrier Diode
RB520S-40 SUNMATE-RB520S-40 Datasheet
351Kb / 3P
200mA Surface Mount Schottky Barrier Diode
RB521S-30 SUNMATE-RB521S-30 Datasheet
203Kb / 2P
200mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com