Electronic Components Datasheet Search
  English  ▼

X  

BAT85S Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT85S
Description  200mA Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT85S Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT85S Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT85S Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Surface Mount Schottky Barrier Diodes
BAT85S
1 of 2
Features
·
·
·
@ TA = 25
°C unless otherwise specified
Features
·
·
·
·
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
·
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Very low forward voltage
Integrated protection ring against static
discharge
and WEEE 2002/96/EC
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
30
V
Peak forward surge current
tp ≤ 10 ms
IFSM
5A
Repetitive peak forward current
tp ≤ 1 s
IFRM
300
mA
Forward continuous current
IF
200
mA
Average forward current
PCB mounting, l = 4 mm;
VRWM = 25 V, Tamb = 50 °C
IFAV
200
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.1 mA
VF
240
mV
IF = 1 mA
VF
320
mV
IF = 10 mA
VF
400
mV
IF = 30 mA
VF
500
mV
IF = 100 mA
VF
800
mV
Reverse current
VR = 25 V
IR
2µA
Diode capacitance
VR = 1 V, f = 1 MHz
CD
10
pF
Reverse Recovery Time
IF = 10 mA to IR = 10 mA to iR = 1 mA
trr
5ns
Maximum Ratings and Electrical Characteristics


Similar Part No. - BAT85S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT85S VISHAY-BAT85S Datasheet
39Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAT85S VISHAY-BAT85S Datasheet
116Kb / 5P
Small Signal Schottky Diode
26-Feb-07
BAT85S VISHAY-BAT85S Datasheet
175Kb / 6P
Small Signal Schottky Diode
23-Jul-10
BAT85S VISHAY-BAT85S Datasheet
105Kb / 4P
Small Signal Schottky Diode
23-Jul-10
BAT85S VISHAY-BAT85S Datasheet
83Kb / 3P
Small Signal Schottky Diode
16-Nov-2021
More results

Similar Description - BAT85S

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT54 FCI-BAT54 Datasheet
460Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
200mA Surface Mount Schottky Barrier Rectifiers
BAT54HT1 SUNMATE-BAT54HT1 Datasheet
323Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
BAT86S SUNMATE-BAT86S Datasheet
177Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
LS103A SUNMATE-LS103A Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
MCL103A SUNMATE-MCL103A Datasheet
154Kb / 2P
200mA Surface Mount Schottky Barrier Diode
RB520S-30 SUNMATE-RB520S-30 Datasheet
303Kb / 3P
200mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com