Electronic Components Datasheet Search
  English  ▼

X  

BAV17 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAV17
Description  250mA Axial Leaded Smalll Sighal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAV17 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAV17 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAV17 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
·
·
·
@ TA = 25
°C unless otherwise specified
Features
·
·
·
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Silicon epitaxial planar diode
High speed switching diode
500 mW power dissipation
Weight: 0.004 ounces, 0.13 grams
Case: DO-35,glass case
Polarity: Color band denotes cathode
Maximum Ratings and Electrical Characteristics
UNITS
Reverse voltage
VR
V
Peak reverse voltage
VRM
V
Average forw ard rectified current
Half w ave rectification w ith resist.load
@TA=25
and f 50Hz
Forw ard surge current @ t<1s and T
J=25
IFSM
A
Pow er dissipation
@ T
A=25
Ptot
mW
Thermal resistance junction to ambient
RθJA
K/W
Junction temperature
TJ
Storage temperature range
TSTG
2501)
I(AV)
1.0
5001)
mA
BAV17
BAV18
BAV19
BAV20
BAV21
20
50
100
150
200
25
60
120
200
250
350
175
-55 --- +175
UNITS
Forw ard voltage @ I
F=100mA
Leakage current
@T
j=25
Capacitance
@ V
F=V R=0V
f=1MH
Z
CJ
pF
Reverse recovery time
from I
F=30mA to IR=30mA
from I
RR=3mA , RL=100Ω.
IR
VF
V
ns
50
-
-
trr
--
MIN
TYP
1.5
-
-
1
.0
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
-
15
MAX
-
-
-
at reverse voltage
@Tj=100
1
00
nA
µA
BAV17-BAV21
250mA Axial Leaded Smalll Sighal Switching Diode


Similar Part No. - BAV17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV17 VISHAY-BAV17 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV17 FAIRCHILD-BAV17 Datasheet
36Kb / 1P
General Purpose Diodes
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BAV17 VISHAY-BAV17 Datasheet
123Kb / 5P
Small Signal Switching Diodes, High Voltage
19-Feb-07
BAV17 VISHAY-BAV17 Datasheet
106Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
More results

Similar Description - BAV17

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148 SUNMATE-1N4148 Datasheet
78Kb / 2P
150mA Axial Leaded Fast Switching Diode
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
200mA Axial Leaded Fast Switching Diode
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
150mA Axial Leaded Fast Switching Diode
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS133 SUNMATE-1SS133 Datasheet
193Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
BAW27 SUNMATE-BAW27 Datasheet
73Kb / 1P
300mA Axial Leaded Smalll Sighal Switching Diode
logo
Central Semiconductor C...
PB_CFD4448_1509 CENTRAL-PB_CFD4448_1509 Datasheet
1Mb / 2P
120V, 250mA Switching Diode
logo
Nanjing International G...
1SS133 DGNJDZ-1SS133 Datasheet
1Mb / 2P
130mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com