Electronic Components Datasheet Search
  English  ▼

X  

BAW27 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAW27
Description  300mA Axial Leaded Smalll Sighal Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAW27 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAW27 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
·
·
·
@ TA = 25
°C unless otherwise specified
Features
·
·
·
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
BAW27
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
High forward current capability
Low forward voltage drop
Silicon Epitaxial Planar Diode
and WEEE 2002/96/EC
·
·
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
·
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
75
V
Reverse voltage
VR
60
V
Peak forward surge current
tp = 1 µs
IFSM
4A
Forward continuous current
IF
600
mA
Average forward current
VR = 0
IFAV
300
mA
Power dissipation
l = 4 mm, TL = 45 °C
Ptot
440
mW
l = 4 mm, TL ≤ 25 °C
Ptot
500
mW
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
670
750
mV
IF = 50 mA
VF
800
850
mV
IF = 200 mA
VF
950
1000
mV
IF = 400 mA
VF
1120
1250
mV
Reverse current
VR = 60 V
IR
100
nA
VR = 60 V, Tj = 100 °C
IR
50
µA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
V(BR)
75
V
Diode capacitance
VR = 0, f = 1 MHz, VHF = 50 mV
CD
4pF
Reverse recovery time
IF = IR = 10 to 100 mA,
iR = 0.1 x IR
trr
6ns
1of1
300mA Axial Leaded Smalll Sighal Switching Diode


Similar Part No. - BAW27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAW27 VISHAY-BAW27 Datasheet
34Kb / 3P
Silicon Epitaxial Planar Diode
01-Apr-99
BAW27 VISHAY-BAW27 Datasheet
110Kb / 4P
Small Signal Switching Diode
19-Feb-07
BAW27 VISHAY-BAW27 Datasheet
99Kb / 3P
Small Signal Switching Diode
17-Aug-10
BAW27 VISHAY-BAW27 Datasheet
75Kb / 3P
Small Signal Switching Diode
26-Nov-2021
BAW27-TAP VISHAY-BAW27-TAP Datasheet
110Kb / 4P
Small Signal Switching Diode
19-Feb-07
More results

Similar Description - BAW27

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148 SUNMATE-1N4148 Datasheet
78Kb / 2P
150mA Axial Leaded Fast Switching Diode
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
200mA Axial Leaded Fast Switching Diode
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
150mA Axial Leaded Fast Switching Diode
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS133 SUNMATE-1SS133 Datasheet
193Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
100mA Axial Leaded High Speed Switching Diode
BAV17 SUNMATE-BAV17 Datasheet
250Kb / 2P
250mA Axial Leaded Smalll Sighal Switching Diode
logo
Nanjing International G...
1SS133 DGNJDZ-1SS133 Datasheet
1Mb / 2P
130mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com