Electronic Components Datasheet Search
  English  ▼

X  

BYT41B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYT41B
Description  1.0A Axial Leaded Super Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYT41B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYT41B Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYT41B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
0
0
20
40
60
80
120
l – Lead Length ( mm )
96 12151
510
15
25
30
20
100
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12135
VR =VRRM
f
v1kHz
RthJAv110K/W
PC Board
BYT41A
BYT41M
Figure 2. Max. Average Forward Current vs. Ambient
Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12136
VR =VRRM
f
v1kHz
RthJAv60K/W
l=10mm
BYT41A
BYT41M
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
96 12137
VR = VRRM
Figure 4. Max. Reverse Current vs.
Junction Temperature
0.001
0.010
0.100
1.000
10.000
100.000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VF – Forward Voltage ( V )
96 12134
Tj =25°C
Tj = 175°C
Figure 5. Max. Forward Current vs. Forward Voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com