Electronic Components Datasheet Search
  English  ▼

X  

BYW32 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYW32
Description  2.0A Axial Leaded Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYW32 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYW32 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYW32 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
1
1
100
4
TJ=25
f=1.0MHz
20
40
0.01
0
TJ=75
0.1
1
10
20
40
60
80
100
20
TJ=25
TJ=125
0.6
TJ=25
Pulse Width=300
µS
0.04
0.01
0.02
0.06
0.1
0.2
0.4
10
2
1.0
4
100
0.8
1.0
1.2
1.4
2.0
1.6
1.8
0.5
1.0
1.5
2.0
50
75
150
0
100
175
125
25
Single Phave
Half Wave 60Hz
Resistive of
Inductive Load
0
10
T J=2 5 ℃
8.3 m s S ingle H alf
S ine-W a ve
100
1
10
20
30
40
50
FIG.5-- TYPICAL JUNCTION CAPACITANCE
FIG.6-- TYPICAL RECTIFICATION EFFICIENCY
NUMBER OF CYCLES AT 60 Hz
FIG.4--TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
REVERSE VOLTAGE,VOLTS
FREOUENCY, KHz
AMBIENT TEMPERATURE,
FIG.3 --TYPICAL FORWARD CHARACTERISTICS
FIG.1 --FORWARD DERATING CURVE
FIG.2 --PEAK FORWARD SURGE CURRENT
0
1
0.2
10
100
1000
0.4
0.8
1.2
0.6
1.0
BYW32 THRU BYW36 SERIES
FAST RECOVERY
STANDARD RECOVERY
2of2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com