Electronic Components Datasheet Search
  English  ▼

X  

EGP10D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # EGP10D
Description  1.0A Axial Leaded High Efficiency Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EGP10D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  EGP10D Datasheet HTML 1Page - SUNMATE electronic Co., LTD EGP10D Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE,VOLTS
FIG.4--TYPICAL REVERSE CHARACTERISTICS
SETTIMEBASEFOR20/30 ns/cm
FIG.3 --TYPICAL FORWARD CHARACTERISTICS
2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50Ω.
INSTANTANEOUS FORWARDVOLTAGE,VOLTS
NOTES:1.RISETIME=7ns MAX.INPUTIMPEDANCE=1MΩ.22pF
FIG.1 --TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
NUMBER OF CYCLES AT60Hz
FIG.6--FORWARD DERATING CURVE
FIG.5--TYPICAL JUNCTION CAPACITANCE
AMBIENTTEMPERATURE,
0.375"(9.5mm)LEAD LENGTH
25
0
0
50
0.5
1.0
100
75
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0
1
5
10
25
20
15
30
10
100
T J=125
8.3m s S ingle H alf
S ine-W ave
EG P10A-EG P10G
0
0.01
0.04
0.1
1.0
10
100
TJ=25
Pulse Width=300
µS
0.2
0.4 0.6 0.8 1
1.2 1.4
1.6 1.8 2
50\100\150\200V
300\400V
0.1
0
EGP10A-EGP10D
EGP10F&EGP10G
1
100
10
4
    
TJ=25
             
5
15
20
25
30
35
10
-1.0A
-0.25A
0
+0.5A
t rr
1c m
10
N 1.
1
NONIN-
DUCTIVE
50
N 1.
D.U.T.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
(+)
PULSE
GENERATOR
(NOTE2)
(-)
2of2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com