Electronic Components Datasheet Search
  English  ▼

X  

M8550T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # M8550T
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

M8550T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  M8550T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH M8550T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M8550T
-0.8A , -40V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
29-Apr-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Power Dissipation
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-25
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current - Continuous
IC
-800
mA
Collector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
125, -55~125
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-25
-
-
V
IC=0.1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µ
A
VCB=-35V, IE=0
Collector Cut-Off Current
ICEO
-
-
-0.1
µ
A
VCE=-20V, IB=0
DC Current Gain
hFE(1)
45
-
-
VCE=-1V, IC=-5mA
hFE(2)
80
-
400
VCE=-1V, IC=-100mA
hFE(3)
40
-
-
VCE=-1V, IC=-800mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC=-800mA, IB=-80mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1.2
V
IC=-800mA, IB=-80mA
Transition Frequency
fT
80
-
-
MHz
VCE=-6V, IC=-20mA, f=30MHz
*Pulse Test:pulse width
300 µ
≦
s, duty cycle ≦ 2%.
TO-92
1
1
1
1Emitter
2
2
2
2Base
3
3
3
3Collector
A
C
E
F
D
G
H
J
B


Similar Part No. - M8550T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
M8550T SECOS-M8550T Datasheet
238Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - M8550T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com