Electronic Components Datasheet Search
  English  ▼

X  

MB08M Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MB08M
Description  Miniature SMD Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB08M Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MB08M_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB08M_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MB08M
1000V 0.8 Amp
Miniature SMD Glass Passivated Bridge Rectifiers
27-Sep-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Halogen-free type
Glass passivated chip junctions
Compliance to RoHS product
Leadless chip form, no lead damage
Low power loss, High efficiency
High current capability
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
APPLICATION
AC/DC Power Supply
Communication Equipment
Lighting
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
MBCN
5K
13 inch
ABSOLUTE MAXIMUM RATINGS ( T
A=25℃unless otherwise specified)
Parameters
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
1000
V
on glass-epoxy P.C.B.
1
0.5
Average Forward Current
on aluminum substrate
2
IF(AV)
0.8
A
Peak forward surge current, 8.3ms single half sine-wave
IFSM
30
A
Operating and Storage temperature range
TJ, TSTG
-55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (at TA=25℃unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage at IF = 0.4A
VF
-
0.9
1
V
TA=25°C
-
0.08
5
Repetitive peak reverse
current@ VR = Max. VRRM
TA=125°C
IRRM
-
-
100
uA
Current squared time t < 8.3ms
I
2t
-
3.74
-
A
2s
Thermal Resistance Junction to Ambient
1
RθJA
-
130
-
Thermal Resistance Junction to Lead
1
RθJL
-
40
-
℃/W
Note:
1.
On glass epoxy P.C.B. mounted on 0.05" x 0.05" (1.3 x 1.3 mm) solder pads.
2.
On aluminum substrate P.C.B. with an area of 0.8 x 0.8" (20 x 20 mm) mounted on 0.05" x 0.05" (1.3 x 13. mm) solder pads.
3.
Preliminary specification.
MBCN
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.40
3.60
D
2.00
2.35
B
3.70
3.90
E
0.60
0.80
C
2.44
2.64
F
0.95
1.35
M


Similar Part No. - MB08M_15

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
MB08MTAFMTAFA220YBB HUBERSUHNER-MB08MTAFMTAFA220YBB Datasheet
272Kb / 3P
MTP08 female-MTP08 female_APC_pol. B_2mm_yellow_SM/A2
MB08MTAMMTAMA230YBB HUBERSUHNER-MB08MTAMMTAMA230YBB Datasheet
345Kb / 3P
MTP08 male-MTP08 male_APC_pol. B_3mm_yellow_SM/A2
MB08MTMFMTMFO420YLL HUBERSUHNER-MB08MTMFMTMFO420YLL Datasheet
252Kb / 3P
MTP08 female-MTP08 female_MM_pol. B_2mm_heatherviolet_OM4
MB08MTMMMTMMO430YLL HUBERSUHNER-MB08MTMMMTMMO430YLL Datasheet
183Kb / 2P
MTP08 male-MTP08 male_MM_pol. B_3mm_heatherviolet_OM4
More results

Similar Description - MB08M_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB205L SECOS-MB205L Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L Datasheet
334Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
logo
Comchip Technology
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB10M SECOS-MB10M_15 Datasheet
145Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB105 SECOS-MB105_15 Datasheet
213Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L_15 Datasheet
276Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
MB08M SECOS-MB08M Datasheet
188Kb / 2P
1000V 0.8 Amp Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M Datasheet
145Kb / 2P
1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com