Electronic Components Datasheet Search
  English  ▼

X  

MB105 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MB105
Description  Miniature SMD Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB105 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MB105_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB105_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MB105 ~ MB107
VOLTAGE 600 V ~ 1000 V
1.0 Amp
Miniature SMD Glass Passivated Bridge Rectifiers
08-Oct-2009 Rev. C
Page 1 of 2
RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High current capability
Internal structure with GPRC (Glass Passivated Rectifier Chip) inside
Leadless chip form, no lead damage
Solder Joint, No Wire bond & Lead Frame
Low profile package
For surface mounted applications
Built-in strain relief
Low power loss, high efficiency
High current capability and surge capacity
Plastic package has UL Flammability Classification 94V-0
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy under-filled
Terminals : Tin plated , solderable per MIL-STD-750,
Method 2026
Polarity: Laser Marking
Weight: 0.07 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
PARAMETERS
SYMBOL
MB105
MB106
MB107
UNIT
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRMS
VDC
600
420
600
800
560
800
1000
700
1000
V
Maximum Average Forward Rectified Current
@TA=55℃
I(AV)
1.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
30
A
Maximum Forward Voltage at IF=0.4A,
at IF=1.0A
VF
0.9
1.0
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
IR
5
200
uA
I
2t Rating for Fusing (t<8.3ms)
I
2t
3.74
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
25
pF
Typical Thermal Resistance (Note2)
RθJA
110
℃
/W
Operating and Storage temperature range
TJ, TSTG
-55 ~ 175
℃
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC
2. Thermal resistance from junction to ambient measured on P.C.B. with 5.0mm
2 (0.03 mm thick) land areas.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.20
5.40
E
1.00
1.20
B
5.70
5.90
F
0.85
0.95
C
1.10
1.30
G
R 0.2 REF.
D
3.25
3.35
Case: MBCR
~
~
A
B
C
D
E
F
G
Series code
Voltage class
MBCR
10
~
~
Amps class
Last digit of the year
MFG week


Similar Part No. - MB105_15

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB105F PACELEADER-MB105F Datasheet
242Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
MB105F JUXING-MB105F Datasheet
868Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifer
MB105F JUXING-MB105F Datasheet
793Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Shanghai Leiditech Elec...
MB105F LEIDITECH-MB105F Datasheet
705Kb / 3P
Surface Mount Flat Bridge Rectifiers
logo
Guangdong Juxing Electr...
MB105F JUXING-MB105F Datasheet
1Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MB105_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB205L SECOS-MB205L Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L Datasheet
334Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
logo
Comchip Technology
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB08M SECOS-MB08M_15 Datasheet
188Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M_15 Datasheet
145Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L_15 Datasheet
276Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
MB08M SECOS-MB08M Datasheet
188Kb / 2P
1000V 0.8 Amp Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M Datasheet
145Kb / 2P
1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com