Electronic Components Datasheet Search
  English  ▼

X  

MB206L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MB206L
Description  Miniature SMD Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB206L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MB206L_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB206L_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MB206L_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
MB206L ~ MB207L
Voltage 800V ~ 1000V
2.0 Amp
Miniature SMD Glass Passivated Bridge Rectifiers
08-Aug-2011 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Z4GP
20KL

Z4GP
20JL

RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Internal structure with GPRC (Glass Passivated Rectifier Chip) inside
Lead less chip form, no lead damage
Lead-free solder joint, no wire bond & lead frame
Low power loss, high efficiency
High current capability
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy under-filled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026
Polarity: Laser Marking Symbols
Weight: 0.07 grams
APPLICATION
AC/DC Power Supply
Communication Equipment
MARKING
MB206L
MB207L
PACKAGE INFORMATION
Package
MPQ
Leader Size
MBCR
5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Rating
Parameters
Symbol
MB206L
MB207L
Unit
Repetitive peak reverse voltage
VRRM
800
1000
V
Average Forward Current
IF(AV)
2.0
A
Peak forward surge current
8.3ms single half sine-wave
IFSM
60
A
Operating and Storage temperature range
TJ, TSTG
-55 ~ 175
℃
MBCR
~
~
A
B
C
D
E
F
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.20
5.40
E
1.00
1.20
B
5.70
5.90
F
0.85
0.95
C
1.10
1.30
G
R 0.2 REF.
D
3.25
3.35
Date Code
Date Code


Similar Part No. - MB206L_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB206L SECOS-MB206L Datasheet
334Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
More results

Similar Description - MB206L_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB205L SECOS-MB205L Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L Datasheet
334Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
logo
Comchip Technology
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB08M SECOS-MB08M_15 Datasheet
188Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M_15 Datasheet
145Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB105 SECOS-MB105_15 Datasheet
213Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB08M SECOS-MB08M Datasheet
188Kb / 2P
1000V 0.8 Amp Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M Datasheet
145Kb / 2P
1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com