Electronic Components Datasheet Search
  English  ▼

X  

SP600 Datasheet(PDF) 5 Page - Intersil Corporation

Part # SP600
Description  Half Bridge 500VDC Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP600 Datasheet(HTML) 5 Page - Intersil Corporation

  SP600 Datasheet HTML 1Page - Intersil Corporation SP600 Datasheet HTML 2Page - Intersil Corporation SP600 Datasheet HTML 3Page - Intersil Corporation SP600 Datasheet HTML 4Page - Intersil Corporation SP600 Datasheet HTML 5Page - Intersil Corporation SP600 Datasheet HTML 6Page - Intersil Corporation SP600 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Timing Diagram
THREE-STATE MODE SLOWER THAN REFRESH ONE SHOT TIMER
NOTE: BOT switching not relevant.
BISTATE MODE SLOWER THAN REFRESH ONE SHOT TIMER
Typical Circuit Configuration
TRUTH TABLE
Applicable to Typical Circuit Configuration (Figure 1)
INPUTS
OUTPUTS
TOP
BOT
TRIPL
TRIPU
PHASE
VBIAS
UPPER
LOWER
FAULT BAR
000
X
X
100
1
11001110
1
11011100
0
110
X
0100
0
X
X
1
X
X
100
0
010
X
X
101
1
100
X
X
100
1
XXXXX
0
0
0
0
NOTE: 0 = False, 1 = True, X = Don’t Care
TOP
BOT
REFRESH
ONE SHOT
IONB
VALID BOTON
IOFFT
IONT
IOFFB
UPPER
LOWER
VOUT
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
VDC
COM
TOP
BOT
REFRESH
ONE SHOT
IONB
VALID BOTON
IOFFT
IONT
IOFFB
UPPER
LOWER
VOUT
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
VDC
COM
SP600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com