Electronic Components Datasheet Search
  English  ▼

X  

EL2180CS Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2180CS
Description  250MHz/3mA Current Mode Feedback Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2180CS Datasheet(HTML) 4 Page - Intersil Corporation

  EL2180CS Datasheet HTML 1Page - Intersil Corporation EL2180CS Datasheet HTML 2Page - Intersil Corporation EL2180CS Datasheet HTML 3Page - Intersil Corporation EL2180CS Datasheet HTML 4Page - Intersil Corporation EL2180CS Datasheet HTML 5Page - Intersil Corporation EL2180CS Datasheet HTML 6Page - Intersil Corporation EL2180CS Datasheet HTML 7Page - Intersil Corporation EL2180CS Datasheet HTML 8Page - Intersil Corporation EL2180CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
AC Electrical Specifications
VS =±5V, RF =RG = 750Ω for PDIP and SO packages, RF =RG = 560Ω for SOT23-5 package,
RL = 150Ω, TA = 25°C unless otherwise specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
-3dB BW
-3dB Bandwidth
AV = 1
250
MHz
-3dB BW
-3dB Bandwidth
AV = 2
180
MHz
0.1dB BW
0.1dB Bandwidth
AV = 2
50
MHz
SR
Slew Rate
VOUT = ±2.5V, AV = 2
600
1200
V/µs
tR, tF
Rise and Fall Time
VOUT = ±500mV
1.5
ns
tPD
Propagation Delay
VOUT = ±500mV
1.5
ns
OS
Overshoot
VOUT = ±500mV
3.0
%
tS
0.1% Settling
VOUT = ±2.5V, AV = -1
15
ns
dG
Differential Gain
AV = 2, RL = 150Ω (Note 1)
0.05
%
dP
Differential Phase
AV = 2, RL = 150Ω (Note 1)
0.05
°
dG
Differential Gain
AV = 1, RL = 500Ω (Note 1)
0.01
%
dP
Differential Phase
AV = 1, RL = 500Ω (Note 1)
0.01
°
CS
Channel Separation
EL2280, EL2480 only, f = 5MHz
85
dB
NOTE:
1. DC offset from 0V to 0.714V, AC amplitude 286mVP-P, f = 3.58MHz
EL2180, EL2280, EL2480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com