Electronic Components Datasheet Search
  English  ▼

X  

111RKI Datasheet(PDF) 2 Page - International Rectifier

Part # 111RKI
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

111RKI Datasheet(HTML) 2 Page - International Rectifier

  111RKI Datasheet HTML 1Page - International Rectifier 111RKI Datasheet HTML 2Page - International Rectifier 111RKI Datasheet HTML 3Page - International Rectifier 111RKI Datasheet HTML 4Page - International Rectifier 111RKI Datasheet HTML 5Page - International Rectifier 111RKI Datasheet HTML 6Page - International Rectifier 111RKI Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
111RKI Series
2222222222222
12
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
40
400
500
111RKI
80
800
900
20
120
1200
1300
I
T(AV)
Max. average on-state current
110
A
180° conduction, half sine wave
@ Case temperature
90
°C
I
T(RMS)
Max. RMS on-state current
172
DC @ 83°C case temperature
I
TSM
Max. peak, one-cycle
2080
t = 10ms
No voltage
non-repetitive surge current
2180
A
t = 8.3ms
reapplied
1750
t = 10ms
100% V
RRM
1830
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I
2t for fusing
21.7
t = 10ms
No voltage
Initial T
J
= T
J
max.
19.8
t = 8.3ms
reapplied
15.3
t = 10ms
100% V
RRM
14.0
t = 8.3ms
reapplied
I
2√t
Maximum I2
√t for fusing
217
KA
2√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1
Low level value of threshold
voltage
V
T(TO)2
High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.57
V
I
pk
= 350A, T
J
= T
J
max., t
p
= 10ms sine pulse
I
H
Maximum holding current
150
I
L
Typical latching current
400
0.82
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
2.16
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
1.70
(I >
π x I
T(AV)
),T
J
= T
J
max.
Parameter
111RKI
Units Conditions
1.02
(I >
π x I
T(AV)
),T
J
= T
J
max.
On-state Conduction
KA
2s
V
m
Ω
mA
T
J
= 25°C, anode supply 6V resistive load
di/dt
Max. non-repetitive rate of rise
Gate drive 20V, 20
Ω, t
r ≤
1µs
of turned-on current
T
J
= T
J
max, anode voltage
≤ 80% V
DRM
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM
, T
J
= 25°C
I
TM
= 50A, T
J
= T
J
max., di/dt = -5A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 25
Ω
Parameter
111RKI
Units Conditions
t
d
Typical delay time
1
Switching
t
q
Typical turn-off time
110
µs
300
A/µs
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com