Electronic Components Datasheet Search
  English  ▼

X  

181RKI Datasheet(PDF) 2 Page - International Rectifier

Part # 181RKI
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

181RKI Datasheet(HTML) 2 Page - International Rectifier

  181RKI Datasheet HTML 1Page - International Rectifier 181RKI Datasheet HTML 2Page - International Rectifier 181RKI Datasheet HTML 3Page - International Rectifier 181RKI Datasheet HTML 4Page - International Rectifier 181RKI Datasheet HTML 5Page - International Rectifier 181RKI Datasheet HTML 6Page - International Rectifier 181RKI Datasheet HTML 7Page - International Rectifier 181RKI Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
180A
PHASE CONTROL THYRISTORS
Stud Version
181RKI SERIES
Bulletin I25153/B
Features
Hermetic glass-metal seal
dv/dt = 1000V/µs option
International standard case TO-209AB (TO-93)
Threaded studs UNF 3/4 - 16UNF2A
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
180
A
@ T
C
80
°C
I
T(RMS)
285
A
I
TSM
@ 50Hz
3800
A
@ 60Hz
4000
A
I
2t
@ 50Hz
72
KA
2s
@ 60Hz
66
KA
2s
V
DRM
/V
RRM
400 to 1000
V
t
q
typical
100
µs
T
J
- 40 to 125
°C
Parameters
181RKI
Units
Major Ratings and Characteristics
case style
TO-209AB (TO-93)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com