Electronic Components Datasheet Search
  English  ▼

X  

UPC8119T Datasheet(PDF) 1 Page - NEC

Part # UPC8119T
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8119T Datasheet(HTML) 1 Page - NEC

  UPC8119T Datasheet HTML 1Page - NEC UPC8119T Datasheet HTML 2Page - NEC UPC8119T Datasheet HTML 3Page - NEC UPC8119T Datasheet HTML 4Page - NEC UPC8119T Datasheet HTML 5Page - NEC UPC8119T Datasheet HTML 6Page - NEC UPC8119T Datasheet HTML 7Page - NEC UPC8119T Datasheet HTML 8Page - NEC UPC8119T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
BIPOLAR ANALOG INTEGRATED CIRCUITS
µµµµPC8119T, µµµµPC8120T
VARIABLE GAIN AMPLIFIER SILICON MMIC
FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
1996
©
Document No. P11027EJ2V0DS00 (2nd edition)
Date Published October 1998 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
DESCRIPTION
The
µPC8119T and µPC8120T are silicon monolithic integrated circuits designed as variable gain amplifier. Due to
100 MHz to 1.9 GHz operation, these ICs are suitable for RF transmitter AGC stage of digital cellular telephone. Two
types of gain control let users choose in accordance with system design. 3 V supply voltage and mini mold package
contribute to make system lower voltage, decreased space and fewer components.
The
µPC8119T and µPC8120T are manufactured using NEC’s 20 GHz fT NESATTM III silicon bipolar process. This
process uses silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external
pollution and prevent corrosion / migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
•
Recommended operating frequency : f = 100 MHz to 1.92 GHz
•
Supply voltage
: VCC = 2.7 to 3.3 V
•
Low current consumption
: ICC = 11 mA TYP. @ VCC = 3.0 V
•
Gain control voltage
: VAGC = 0.6 to 2.4 V (recommended)
•
Two types of gain control
:
µPC8119T = VAGC up vs. Gain down (Forward control)
µPC8120T = VAGC up vs. Gain up
(Reverse control)
•
AGC control can be constructed by external control circuit.
•
High-density surface mounting
APPLICATIONS
•
1.9 GHz cordless telephone (PHS base-station and so on)
•
800 MHz to 900 MHz or 1.5 GHz Digital cellular telephone (PDC800M, PDC1.5G and so on)
ORDERING INFORMATION
Part Number
Package
Marking
Supplying Form
Gain Control Type
µPC8119T-E3
C2M
Forward control
µPC8120T-E3
6-pin minimold
C2N
Embossed tape 8 mm wide.
1, 2, 3 pins face to perforation side of the tape.
Qty 3 kp/reel.
Reverse control
Remark
To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order:
µPC8119T, µPC8120T)
Caution
Electro-static sensitive devices


Similar Part No. - UPC8119T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8119T NEC-UPC8119T Datasheet
371Kb / 40P
-15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
California Eastern Labs
UPC8119T CEL-UPC8119T Datasheet
720Kb / 4P
NECs VARIABLE GAIN AMPLIFIER
logo
NEC
UPC8119T NEC-UPC8119T Datasheet
40Kb / 3P
1.9 GHz AGC AMPLIFIER
logo
Renesas Technology Corp
UPC8119T RENESAS-UPC8119T Datasheet
663Kb / 52P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
logo
NEC
UPC8119T-E3 NEC-UPC8119T-E3 Datasheet
40Kb / 3P
1.9 GHz AGC AMPLIFIER
More results

Similar Description - UPC8119T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8130TA NEC-UPC8130TA Datasheet
371Kb / 40P
-15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
DIGITAL VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com