Electronic Components Datasheet Search
  English  ▼

X  

ESJA53 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ESJA53
Description  5mA Axial Leaded High Voltage Silicon Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ESJA53 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ESJA53 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ESJA53 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5mA Axial Leaded High Voltage Silicon Diode
VR=20KV
VR=20KV
75
20
ESJA53-20A
1
50Hz Sine-wave
Weight: 0.3 grams (approx.)
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
· Vibration Proof:5 G
Items
Conditions
Symbols
Ratings
Units
Repetitive peak reverse voltage
VRRM
KV peak
Non-repetitive peak forward current
50Hz Sine-half
wave peak value
I
FSM
0.5
A peak
Average forward current
IAV
5
mA
Allowable junction temperature
Tj
120
C
°
C
°
C
°
-40—120
100
Tstg
Tc
Storage Temperature range
Allowable operating case temperature
Maximum forward voltage drop
Maximum reverse current
Maximum reverse current
Maximum reverse recovery time
Maximum junction capacitance
1F=10mA
,100C
°
1F=2mA,1R=4mA
F=1MHz,VR=0V
VF
IR1
2
IR
Trr
Cj
2
5
0.08
V
uA
uA
uS
PF


Similar Part No. - ESJA53

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
ESJA53-16 AMMSEMI-ESJA53-16 Datasheet
266Kb / 1P
High Voltage Silicon Diode ESJA SERIES
logo
Fuji Electric
ESJA53-16A FUJI-ESJA53-16A Datasheet
145Kb / 8P
High Voltage Silicon Diode
logo
GETAI ELECTRONICS DEVIC...
ESJA53-16A GETEDZ-ESJA53-16A Datasheet
79Kb / 1P
5mA 16kV HIGH VOLTAGE SILICON RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
ESJA53-16A SUNMATE-ESJA53-16A Datasheet
109Kb / 2P
5mA Axial Leaded High Voltage Silicon Diode
logo
Shanghai Shunye Electro...
ESJA53-16A SHUNYE-ESJA53-16A Datasheet
111Kb / 1P
5mA 16kV HIGH VOLTAGE SILICON RECTIFIER DIODES
V2.22
More results

Similar Description - ESJA53

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ESJA04-02A SUNMATE-ESJA04-02A Datasheet
324Kb / 2P
1mA Axial Leaded High Voltage Silicon Diode
ESJA18-08 SUNMATE-ESJA18-08 Datasheet
297Kb / 2P
5mA Axial Leaded High Voltage Diode
ESJA19-10 SUNMATE-ESJA19-10 Datasheet
309Kb / 2P
5mA Axial Leaded High Voltage Diode
ESJA28-02S SUNMATE-ESJA28-02S Datasheet
314Kb / 2P
10mA Axial Leaded High Voltage Diode
ESJA52-10A SUNMATE-ESJA52-10A Datasheet
173Kb / 2P
5mA Axial Leaded High Voltage Silicon Diode
ESJA52-12A SUNMATE-ESJA52-12A Datasheet
108Kb / 2P
5mA Axial Leaded High Voltage Silicon Diode
ESJA53-16A SUNMATE-ESJA53-16A Datasheet
109Kb / 2P
5mA Axial Leaded High Voltage Silicon Diode
ESJA53-18A SUNMATE-ESJA53-18A Datasheet
120Kb / 2P
5mA Axial Leaded High Voltage Silicon Diode
ESJA54-08A SUNMATE-ESJA54-08A Datasheet
116Kb / 2P
5mA Axial Leaded High Voltage Silicon Diode
ESJA57-04A SUNMATE-ESJA57-04A Datasheet
362Kb / 2P
5mA Axial Leaded High Voltage Silicon Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com