Electronic Components Datasheet Search
  English  ▼

X  

HVM5 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # HVM5
Description  0.35A Axial Leaded High Voltage Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

HVM5 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  HVM5 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.35A Axial Leaded High Voltage Rectifier
of 1
1
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
Low cost
Low lekage
Isolated case
Surge overload rating
50 amperes peak
Low forward voltage drop
·
·
·
·
·
Case:Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: MIL-STD- 202E, Method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
HVM5-HVM16
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL HVM5 HVM8 HVM10 HVM12 HVM14 HVM15 HVM16
units
Maximum Recurrent Peak Reverse Voltage
VRRM
5000
8000 10000 12000 14000 15000 16000
V
Maximum RMS Voltage
VRMS
3500
5600
7000
8400
9800 10500 11200
V
Maximum DC Blocking Voltage
VDC
5000
8000 10000 12000 14000 15000 16000
V
0.35
Maximum Average Forward Rectified Current at
TA=50°C
Io
0.45
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
50
A
Maximum Instantaneous Forward Voltage at
0.35/0.45A DC
VF
8.0
13.5
14.0
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage TA=25°C
IR
5.0
A
Notes:
1.Enough heat sink must be considered in application.
2.Suffix
“-Tox” (e.g. T01,-T02,……) for Terminal type.


Similar Part No. - HVM5

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM5 RECTRON-HVM5 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
logo
Dc Components
HVM5 DCCOM-HVM5 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Leshan Radio Company
HVM5 LRC-HVM5 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVM5 MIC-HVM5 Datasheet
87Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
HVM5 CHONGQING-HVM5 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
More results

Similar Description - HVM5

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
THV308 TAITRON-THV308 Datasheet
225Kb / 4P
0.35A High Voltage Rectifier Assembly
logo
SUNMATE electronic Co.,...
R2500F SUNMATE-R2500F Datasheet
276Kb / 2P
0.2A Axial Leaded High Voltage Rectifier
R1200F SUNMATE-R1200F Datasheet
246Kb / 2P
0.2/0.5A Axial Leaded High Voltage Rectifier
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
1.0A Axial Leaded High-Voltage Schottky Rectifier
logo
Voltage Multipliers Inc...
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
SPJ100F VMI-SPJ100F_13 Datasheet
89Kb / 2P
High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
logo
Stackpole Electronics, ...
HVA SEI-HVA Datasheet
270Kb / 4P
High Voltage Axial Leaded Resistor
2/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com