Electronic Components Datasheet Search
  English  ▼

X  

LL101A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # LL101A
Description  30mA Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LL101A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  LL101A Datasheet HTML 1Page - SUNMATE electronic Co., LTD LL101A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
LL101A
V(BR)R
60
V
LL101B
V(BR)R
50
V
LL101C
V(BR)R
40
V
Leakage current
VR = 50 V
LL101A
IR
200
nA
VR = 50V
LL101B
IR
200
nA
VR = 50 V
LL101C
IR
200
nA
Forward voltage drop
IF = 1 mA
LL101A
VF
410
mV
IF = 1mA
LL101B
VF
400
mV
IF = 1 mA
LL101C
VF
390
mV
IF = 15 mA
LL101A
VF
1000
mV
LL101B
VF
950
mV
LL101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
LL101A
CD
2.0
pF
VR = 0 V, f = 1 MHz
LL101B
CD
2.1
pF
LL101C
CD
2.2
pF
Reverse recovery time
IF = IR = 5 mA,
recover to 0.1 IR
trr
1ns
Figure 1. Typ. IF vs. VF for primary conduction through the
Schottky barrier
gll101a_01
Figure 2. Typ. IF of combination Schottky barrrier and PN junction
guard ring
gll101a_02
Figure 3. Typical Variation of Reverse Current at Various
Temperatures
gll101a_03
Figure 4. Typical Capacitance Curve as a Function of Reverse
Voltage
gll101a_04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com